Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC080614C150RP Datasheet(PDF) 3 Page - AVX Corporation

Part # VC080614C150RP
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC080614C150RP Datasheet(HTML) 3 Page - AVX Corporation

  VC080614C150RP Datasheet HTML 1Page - AVX Corporation VC080614C150RP Datasheet HTML 2Page - AVX Corporation VC080614C150RP Datasheet HTML 3Page - AVX Corporation VC080614C150RP Datasheet HTML 4Page - AVX Corporation VC080614C150RP Datasheet HTML 5Page - AVX Corporation VC080614C150RP Datasheet HTML 6Page - AVX Corporation VC080614C150RP Datasheet HTML 7Page - AVX Corporation VC080614C150RP Datasheet HTML 8Page - AVX Corporation VC080614C150RP Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
ELECTRICAL CHARACTERISTICS
AVXWorking Working Breakdown Clamping
Test
Maximum Transient
Peak
Typical Frequency
Case
Part Number
Voltage
Voltage
Voltage
Voltage
Current
Leakage
Energy
Current
Cap
Size
(DC)
(AC)
For V
C
Current
Rating
Rating
VC060303A100 _ _
3.3
2.3
5.0±20%
12
1
100
0.1
30
1450
K
0603
VC080503A100 _ _
3.3
2.3
5.0±20%
12
1
100
0.1
40
1400
K
0805
VC080503C100 _ _
3.3
2.3
5.0±20%
12
1
100
0.3
120
5000
K
0805
VC120603A100 _ _
3.3
2.3
5.0±20%
12
1
100
0.1
40
1250
K
1206
VC120603D100 _ _
3.3
2.3
5.0±20%
12
1
100
0.4
150
4700
K
1206
VA100003A100 _ _
3.3
2.3
5.0±20%
12
1
100
0.1
40
1500
K
1000
VA100003D100 _ _
3.3
2.3
5.0±20%
12
1
100
0.4
150
4700
K
1000
VC040205X150 _ _
5.6
4.0
8.5±20%
18
1
35
0.05
20
175
M
0402
VC060305A150 _ _
5.6
4.0
8.5±20%
18
1
35
0.1
30
750
K
0603
VC080505A150 _ _
5.6
4.0
8.5±20%
18
1
35
0.1
40
1100
K
0805
VC080505C150 _ _
5.6
4.0
8.5±20%
18
1
35
0.3
120
3000
K
0805
VC120605A150 _ _
5.6
4.0
8.5±20%
18
1
35
0.1
40
1200
K
1206
VC120605D150 _ _
5.6
4.0
8.5±20%
18
1
35
0.4
150
3000
K
1206
VA100005A150 _ _
5.6
4.0
8.5±20%
18
1
35
0.1
40
1000
K
1000
VA100005D150 _ _
5.6
4.0
8.5±20%
18
1
35
0.4
150
2800
K
1000
VC040209X200 _ _
9.0
6.4
12.7±15%
22
1
25
0.05
20
175
M
0402
VC060309A200 _ _
9.0
6.4
12.7±15%
22
1
25
0.1
30
550
K
0603
VC080509A200 _ _
9.0
6.4
12.7±15%
22
1
25
0.1
40
750
K
0805
VC080512A250 _ _
12.0
8.5
16±15%
27
1
25
0.1
40
525
K
0805
VC040214X300 _ _
14.0
10.0
18.5±12%
32
1
15
0.05
20
100
M
0402
VC060314A300 _ _
14.0
10.0
18.5±12%
32
1
15
0.1
30
350
K
0603
VC080514A300 _ _
14.0
10.0
18.5±12%
32
1
15
0.1
40
325
K
0805
VC080514C300 _ _
14.0
10.0
18.5±12%
32
1
15
0.3
120
900
K
0805
VC120614A300 _ _
14.0
10.0
18.5±12%
32
1
15
0.1
40
600
K
1206
VC120614D300 _ _
14.0
10.0
18.5±12%
32
1
15
0.4
150
1050
K
1206
VA100014A300 _ _
14.0
10.0
18.5±12%
32
1
15
0.1
40
325
K
1000
VA100014D300 _ _
14.0
10.0
18.5±12%
32
1
15
0.4
150
1100
K
1000
VC13MA0160KBA
16.0
14.0
24.5±10%
40
2.5
25
1.6
400
1800
K
1210
VC040218X400 _ _
18.0
13.0
25.5±10%
42
1
10
0.05
20
65
M
0402
VC060318A400 _ _
18.0
13.0
25.5±10%
42
1
10
0.1
30
150
K
0603
VC080518A400 _ _
18.0
13.0
25.5±10%
42
1
10
0.1
30
225
K
0805
VC080518C400 _ _
18.0
13.0
25.5±10%
42
1
10
0.3
100
550
K
0805
VC120618A400 _ _
18.0
13.0
25.5±10%
42
1
10
0.1
30
350
K
1206
VC120618D400 _ _
18.0
13.0
25.5±10%
42
1
10
0.4
150
900
K
1206
VC120618E380 _ _
18.0
13.0
22.0±10%
38
1
15
0.5
200
800
K
1206
VC121018J390 _ _
18.0
13.0
25.5±10%
42
5
10
1.5
500
3100
K
1210
VJ13MC0180KBA
18.0
13.0
24.0±10%
45
10
25
1.5
500
3000
K
1210
VA100018A400 _ _
18.0
13.0
25.5±10%
42
1
10
0.1
40
350
K
1000
Termination/Lead Finish Code
Packaging Code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com