Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1607ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1607ACPZN-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1607ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADP1607
Data Sheet
Rev. C | Page 14 of 16
LAYOUT GUIDELINES
1
2
3
4
5
6
EN
GND
SW
VOUT
FB
VIN
R1
0402
R2
0402
COUT
0402
CIN
0402
3.0mm
ADP1607
TOP VIEW
7
EPAD
L
2.2µH
0805
Figure 26. ADP1607 Recommended Layout Showing the Smallest Footprint
For high efficiency, good regulation, and stability, a well-
designed printed circuit board layout is required.
Use the following guidelines when designing printed circuit
boards (also see Figure 24 for a block diagram and Figure 2 for
a pin configuration).
Keep the low ESR input capacitor, CIN, close to VIN and
GND. This minimizes noise injected into the part from
board parasitic inductance.
Keep the high current path from CIN through the L1
inductor to SW as short as possible.
Place the feedback resistors, R1 and R2, as close to FB as
possible to prevent noise pickup. Connect the ground of
the feedback network directly to an AGND plane that
makes a Kelvin connection to the GND pin.
Avoid routing high impedance traces from feedback
resistors near any node connected to SW or near the
inductor to prevent radiated noise injection.
Keep the low ESR output capacitor, COUT, close to VOUT
and GND. This minimizes noise injected into the part from
board parasitic inductance.
Connect Pin 7 (EPAD) and GND to a large copper plane
for proper heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com