Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1607ACPZN001-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1607ACPZN001-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN001-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1607ACPZN001-R7 Datasheet HTML 1Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 2Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 3Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 4Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 5Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 6Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 7Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADP1607
Rev. C | Page 3 of 16
SPECIFICATIONS
VIN = VEN = 1.2 V, VOUT = 3.3 V at TA = −40°C to +85°C for minimum/maximum specifications, and TA = 25°C for typical specifications,
unless otherwise noted.1
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Minimum Start-Up Voltage2
RMIN = 22 Ω
0.9
V
Operating Input Voltage Range3
VIN
0.8
VOUT
V
Shutdown Current
IQSD
VEN = GND, VOUT = GND, TA = −40°C to +45°C4
0.06
0.67
µA
Quiescent Current
Nonswitching, measured on VOUT, auto
operating mode part only
TA = −40°C to +45°C
23
29
µA
TA = −40°C to +85°C
23
40
µA
Measured on VIN
TA = −40°C to +45°C
6
11
µA
TA = −40°C to +85°C
6
14.6
µA
Soft Start Time
1.3
ms
SWITCH
Current Limit
ICL
0.8
1
1.3
A
NMOS On Resistance
RDSON_N
ISW = 500 mA
116
165
PMOS On Resistance
RDSON_P
ISW = 500 mA
155
225
SW Leakage Current
VSW = 1.2 V, VOUT = 0 V, TA = −40°C to +45°C4
0.18
2
µA
OSCILLATOR
Switching Frequency
fSW
1.8
2
2.2
MHz
Maximum Duty Cycle
DMAX
85
90
%
OUTPUT
VOUT Range
VOUT
1.8
3.3
V
FB Pin Voltage
VFB
PWM mode
1.2338
1.259
1.2842
V
FB Pin Current
IFB
VFB = 1.26 V
0.1
0.25
µA
EN/MODE LOGIC
Input Voltage Threshold Low
VIL
0.25
V
Input Voltage Threshold High
VIH
0.8
V
EN/MODE Leakage Current
VEN = GND or VIN, VOUT = 0 V
0.001
0.25
µA
THERMAL SHUTDOWN5
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
15
°C
1
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). Specifications are subject to change without notice.
2
Guaranteed by design, but not production tested. VIN can never exceed VOUT once the ADP1607 is enabled.
3
Minimum value is characterized by design. Maximum value is characterized on the bench.
4
This parameter is the semiconductor leakage current. The semiconductor leakage current doubles with every 10°C increase in temperature. The maximum limit
follows the same trend over temperature.
5
Thermal shutdown protection is only active in PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com