Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSB2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSB2
Description  Microcomponent Storage System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSB2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSB2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSB2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Farnell InOne CD Catalogue
Version 2003
Page 1 / 2
Microcomponent Storage System
An expandable drawer storage system, ideal for surface mounted devices and other small components. The system
comprises a base plinth, on to which individual drawer units may be snap-fitted, to form a stack.
A drawer unit comprises an outer housing, a removable drawer, and a choice of vacuum formed trays. In addition,
there is the option of a tray containing 42 round, removable containers with self-adhesive labels. Manufactured in
black, carbon-loaded polystyrene.
The round containers are also available individually, with a choice of either 17.5mm or 13mm internal height.
Drawer unit
Base plinth
Round containers
Dimensions
H
32
7
H = 13/17.5, Dia = 26
W
273
273
D
251
251
234757
Drawer Unit, with:
42 round containers
4 section tray
5 section tray
6 section tray
16 section tray
16 section tray
18 section tray
24 section tray
36 section tray
42 section tray
56 section tray
Order Code
250-533
[ 390-9943
[ 390-9955
[ 390-9967
[ 390-9979
[ 390-9980
[ 390-9992
391-0003
391-0015
391-0027
391-0039
Farnell InOne CD Catalogue
Version 2003
Page 1 / 2


Similar Part No. - SSB2

ManufacturerPart #DatasheetDescription
logo
AUK corp
SSB2336E-G AUK-SSB2336E-G Datasheet
212Kb / 6P
High Brightness Chip LED
logo
KODENSHI_AUK CORP.
SSB2336E-G KODENSHI-SSB2336E-G Datasheet
235Kb / 6P
SMD LED
SSB2336E-GD2 KODENSHI-SSB2336E-GD2 Datasheet
357Kb / 6P
SMD LED
SSB2336E-GD3 KODENSHI-SSB2336E-GD3 Datasheet
235Kb / 6P
SMD LED
SSB2336E-GD4 KODENSHI-SSB2336E-GD4 Datasheet
300Kb / 6P
SMD LED
More results

Similar Description - SSB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
STORAGE CONTAINERS
logo
Advantech Co., Ltd.
iPS-M210-LFA-SE ADVANTECH-iPS-M210-LFA-SE Datasheet
335Kb / 2P
210 Wh Industrial Power Storage System with Lithium-Iron Phosphate Cell
logo
Wurth Elektronik GmbH &...
74406032010 WURTH-74406032010 Datasheet
324Kb / 5P
Storage Temperature
logo
NEC
D4 NEC-D4 Datasheet
880Kb / 2P
SAN STORAGE
logo
Advantech Co., Ltd.
IPS-M420S ADVANTECH-IPS-M420S Datasheet
394Kb / 2P
420 Wh Industrial Power Storage System with Lithium-Iron Phosphate Cell
7-May-2014
logo
Kingston Technology Far...
MKF-951 KINGSTON-MKF-951 Datasheet
3Mb / 2P
Perfect storage solutions for system designers and builders
OM8PDP364B-A01 KINGSTON-OM8PDP364B-A01 Datasheet
29Mb / 2P
Perfect storage solutions for system designers and builders
OCP0S3128Q-A0 KINGSTON-OCP0S3128Q-A0 Datasheet
3Mb / 2P
Perfect storage solutions for system designers and builders
OM8PGP4128P-A0 KINGSTON-OM8PGP4128P-A0 Datasheet
300Kb / 2P
Perfect storage solutions for system designers and builders
logo
Advantech Co., Ltd.
IPS-M210S ADVANTECH-IPS-M210S Datasheet
727Kb / 3P
210 Wh Intelligent Power Storage System
20-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com