Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3232 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3232
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3232 Datasheet HTML 4Page - Sipex Corporation SP3232 Datasheet HTML 5Page - Sipex Corporation SP3232 Datasheet HTML 6Page - Sipex Corporation SP3232 Datasheet HTML 7Page - Sipex Corporation SP3232 Datasheet HTML 8Page - Sipex Corporation SP3232 Datasheet HTML 9Page - Sipex Corporation SP3232 Datasheet HTML 10Page - Sipex Corporation SP3232 Datasheet HTML 11Page - Sipex Corporation SP3232 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Date: 02/24/05
SP3222E, SP3232E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
8
DESCRIPTION
The SP3222E/3232E transceivers meet the EIA/
TIA-232 and V.28/V.24 communication proto-
cols and can be implemented in battery-pow-
ered, portable, or hand-held applications such as
notebook or palmtop computers. The SP3222E/
3232E devices all feature Sipex's proprietary
on-board charge pump circuitry that generates 2
x V
CC for RS-232 voltage levels from a single
+3.0V to +5.5V power supply. This series is
ideal for +3.3V-only systems, mixed +3.3V to
+5.5V systems, or +5.0V-only systems that re-
quire true RS-232 performance. The SP3222E/
3232E series have drivers that operate at a typi-
cal data rate of 235Kbps fully loaded.
The SP3222E and SP3232E are 2-driver/2-re-
ceiver devices ideal for portable or hand-held
applications.
The SP3222E features a 1
µA
shutdown mode that reduces power consump-
tion and extends battery life in portable systems.
Its receivers remain active in shutdown mode,
allowing external devices such as modems to be
monitored using only 1
µA supply current.
THEORY OF OPERATION
The SP3222E/3232E series are made up of three
basic circuit blocks: 1. Drivers, 2. Receivers,
and 3. the Sipex proprietary charge pump.
Drivers
The drivers are inverting level transmitters that
convert TTL or CMOS logic levels to
±5.0V
EIA/TIA-232 levels inverted relative to the in-
put logic levels. Typically, the RS-232 output
voltage swing is
±5.5V with no load and at least
±5V minimum fully loaded. The driver outputs
are protected against infinite short-circuits to
ground without degradation in reliability. Driver
outputs will meet EIA/TIA-562 levels of
±3.7V
with supply voltages as low as 2.7V.
The drivers typically can operate at a data rate
of 235Kbps. The drivers can guarantee a data
rate of 120Kbps fully loaded with 3K
Ω in
parallel with 1000pF, ensuring compatibility
with PC-to-PC communication software.
The slew rate of the driver output is internally
limited to a maximum of 30V/
µs in order to meet
the EIA standards (EIA RS-232D 2.1.7, Para-
graph 5). The transition of the loaded output
from HIGH to LOW also meets the monotonic-
ity requirements of the standard.
The SP3222E/3232E drivers can maintain high
data rates up to 235Kbps fully loaded. Figure 8
shows a loopback test circuit used to test the
RS-232 drivers. Figure 9 shows the test results
of the loopback circuit with all drivers active at
120Kbps with RS-232 loads in parallel with
1000pF capacitors. Figure 10 shows the test
results where one driver was active at 235Kbps
and all drivers loaded with an RS-232 receiver
in parallel with a 1000pF capacitor. A solid
RS-232 data transmission rate of 120Kbps
provides compatibility with many designs
in personal computer peripherals and LAN
applications.
The SP3222E driver's output stages are turned
off (tri-state) when the device is in shutdown
mode. When the power is off, the SP3222E
device permits the outputs to be driven up to
±12V. The driver's inputs do not have pull-up
resistors. Designers should connect unused
inputs to V
CC or GND.
In the shutdown mode, the supply current falls to
less than 1
µA, where SHDN = LOW. When the
SP3222E device is shut down, the device's
driver outputs are disabled (tri-stated) and the
charge pumps are turned off with V+ pulled
down to V
CC and V- pulled to GND.
The time
required to exit shutdown is typically 100
µs.
Connect SHDN to V
CC if the shutdown mode is
not used. SHDN has no effect on RxOUT or
RxOUTB. As they become active, the two driver
outputs go to opposite RS-232 levels where one
driver input is HIGH and the other LOW. Note
that the drivers are enabled only when the
magnitude of V- exceeds approximately 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com