Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7770GF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7770GF Datasheet HTML 1Page - Monolithic Power Systems MP7770GF Datasheet HTML 2Page - Monolithic Power Systems MP7770GF Datasheet HTML 3Page - Monolithic Power Systems MP7770GF Datasheet HTML 4Page - Monolithic Power Systems MP7770GF Datasheet HTML 5Page - Monolithic Power Systems MP7770GF Datasheet HTML 6Page - Monolithic Power Systems MP7770GF Datasheet HTML 7Page - Monolithic Power Systems MP7770GF Datasheet HTML 8Page - Monolithic Power Systems MP7770GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
3
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP7770GF
TSSOP28-EP
MP7770
**MP7770GFR
TSSOP28-EPR
MP7770R
* For Tape & Reel, add suffix –Z (e.g. MP7770GF–Z);
** Contact Factory for TSSOP28F-EPR Availability
PACKAGE REFERENCE
TSSOP28-EP
SW1
BST1
SW1
VDD1
PGND2
VDD1
PGND1
SW2
SW2
BST2
VDD2
VDD2
N/C
REF1
IN1
AGND1
TIMER1
FAULT
OTW
REF2
AGND2
TIMER2
UVP
IN2
N/C
EN
PGND2
PGND1
EXPOSED PAD
ON TOP
TSSOP28-EPR
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VDD ...................................... 40V
BS Voltage.............. (VSW - 0.3V) to (VSW + 6.5V)
VOTW, VFAULT, VUVP, VTIMER, VEN .......–0.3V to +6V
VSW.......................................–0.3V to (VDD + 1V)
VREF, VIN .......................................–0.3V to +34V
AGND to PGND ..........................–0.3V to +0.3V
Continuous Power Dissipation (TA = 25°C)
(2)
............................................................ 3.9 W
Junction Temperature............................... 150°C
Lead Temperature ....................................260°C
Storage Temperature.............. –65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VDD ..........................9.5V to 36V
Operating Junction Temp. (TJ)............................
........................................... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP28F-EP ....................... 32 ....... 6.... °C/W
TSSOP28F-EPR...................... .. ........ 6.... °C/W
The TSSOP28F-EPR is not intended to be used
without
a
heatsink.
Therefore,
RθJA
of
TSSOP28F-EPR is not specified.
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com