Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8001DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8001DS
Description  15W Power Over Ethernet PoE Powered Device (PD) Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8001DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8001DS Datasheet HTML 1Page - Monolithic Power Systems MP8001DS Datasheet HTML 2Page - Monolithic Power Systems MP8001DS Datasheet HTML 3Page - Monolithic Power Systems MP8001DS Datasheet HTML 4Page - Monolithic Power Systems MP8001DS Datasheet HTML 5Page - Monolithic Power Systems MP8001DS Datasheet HTML 6Page - Monolithic Power Systems MP8001DS Datasheet HTML 7Page - Monolithic Power Systems MP8001DS Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP8001 – IEEE 802.3af PoE POWERED DEVICE CONTROLLER
MP8001 Rev. 1.0
www.MonolithicPower.com
2
12/12/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP8001DS
SOIC8
-40
C to +85C
* For Tape & Reel, add suffix –Z (e.g. MP8001DS–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP8001DS–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
VDD, RTN ……………………….. -0.3V to +100V
PG, DET .......................................-0.3V to +57V
ILIM .................................................-0.3V to +7V
CLASS .........................................-0.3V to +12V
Continuous Power Dissipation(TA = +25°C)
(2)
………………………………………………...1.19W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature............... -65°C to +150
C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................0V to 57V
Output Current IOUT .............................. 0 to 0.4A
Operating Temperature.............. -40
C to +85C
Junction Temperature.............. -40
C to +125C
Thermal Resistance
(4)
θJA
θJC
SOIC8 ....................................105 ..... 50 ...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
ILIM
CLASS
DET
VSS
VDD
NC
PG
RTN
1
2
3
4
8
7
6
5
TOP VIEW
MP8001_PD01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com