Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8044 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8044
Description  22V, 4A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8044 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8044 Datasheet HTML 1Page - Monolithic Power Systems MP8044 Datasheet HTML 2Page - Monolithic Power Systems MP8044 Datasheet HTML 3Page - Monolithic Power Systems MP8044 Datasheet HTML 4Page - Monolithic Power Systems MP8044 Datasheet HTML 5Page - Monolithic Power Systems MP8044 Datasheet HTML 6Page - Monolithic Power Systems MP8044 Datasheet HTML 7Page - Monolithic Power Systems MP8044 Datasheet HTML 8Page - Monolithic Power Systems MP8044 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP8044 - 22V, 4A DUAL CHANNEL POWER HALF-BRIDGE
M8044 Rev. 1.0
www.MonolithicPower.com
5
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VSP = 20V, VSHDNB = 5V, RLOAD = 8Ω, TA = +25ºC, unless otherwise noted.
Normal Switch Waveform
Input/Output Waveform
Positive Pulse
Input/Output Waveform
Negative Pulse
Output Rise-Time
Output Fall-Time
Short Circuit
Positive Current
Short Circuit
Negative Current
VSW1
10V/div.
VSW2
10V/div.
VSW1
10V/div.
VPWM1
2V/div.
VSW1
10V/div.
VPWM1
2V/div.
VSW1
5V/div.
VSW1
5V/div.
VSW1
10V/div.
VFAULTB
5V/div.
VSW1
10V/div.
IL
5A/div.
IL
5A/div.
VFAULTB
5V/div.
FREQUENCY(Hz)
POUT(W)
+4
+2
0.01
0.1
1
10
20
0.01
1
10
30
-2
-4
-6
-8
-10
0
10
100
1K
10K 40K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com