Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8049S Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8049S
Description  24V, 5.5A Quad Channel Power Half-Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8049S Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8049S Datasheet HTML 1Page - Monolithic Power Systems MP8049S Datasheet HTML 2Page - Monolithic Power Systems MP8049S Datasheet HTML 3Page - Monolithic Power Systems MP8049S Datasheet HTML 4Page - Monolithic Power Systems MP8049S Datasheet HTML 5Page - Monolithic Power Systems MP8049S Datasheet HTML 6Page - Monolithic Power Systems MP8049S Datasheet HTML 7Page - Monolithic Power Systems MP8049S Datasheet HTML 8Page - Monolithic Power Systems MP8049S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP8049S - 24V, 5.5A QUAD CHANNEL POWER HALF-BRIDGE
M8049S Rev. 1.0
www.MonolithicPower.com
2
9/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP8049SDU
QFN40 (5x5mm)
MP8049S
* For Tape & Reel, add suffix –Z (e.g. MP8049SDU–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP8049SDU–LF–Z)
PACKAGE REFERENCE
TOP VIEW
SW1B
SW1B
VSP1
VSP1
VSP1
SW1A
SW1A
PGND1A
PGND1A
BST1A
1
2
3
4
5
6
7
8
9
10
SW2A
SW2A
VSP2
VSP2
VSP2
SW2B
SW2B
PGND2B
PGND2B
BST2B
30
29
28
27
26
25
24
23
22
21
ABSOLUTE MAXIMUM RATINGS (1)
VSP Supply Voltage .................................... 28V
SW1/2 Pin Voltage...............-0.3V to VDD + 0.3V
SW1/2 to BST1/2 ............................-0.3V to +6V
Voltage at All Other Pins.................-0.3V to +6V
Continuous Power Dissipation.. (TA = +25°C)
(2)
………………………………………….… ...4.2W
Storage Temperature............... -55
C to +150C
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Recommended Operating Conditions
(3)
VSP Supply Voltage ...........................5V to 26V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN40 (5 x 5mm) ...................36 ....... 8....
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com