Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8101 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8101
Description  Ultra Low Power 1.8V, 400KHz Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8101 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8101 Datasheet HTML 1Page - Monolithic Power Systems MP8101 Datasheet HTML 2Page - Monolithic Power Systems MP8101 Datasheet HTML 3Page - Monolithic Power Systems MP8101 Datasheet HTML 4Page - Monolithic Power Systems MP8101 Datasheet HTML 5Page - Monolithic Power Systems MP8101 Datasheet HTML 6Page - Monolithic Power Systems MP8101 Datasheet HTML 7Page - Monolithic Power Systems MP8101 Datasheet HTML 8Page - Monolithic Power Systems MP8101 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP8101 – ULTRA LOW POWER, 1.8V, 400KHz OP AMP
MP8101 Rev. 0.91
www.MonolithicPower.com
3
1/17/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
OUT
Output.
2
V+
Supply Voltage.
3
IN+
Non-Inverting Input.
4
IN-
Inverting Input.
5
V-
Ground or Supply Return Pin.
TEST CIRCUITS
--
+
V-
U1
V+
RF(+Av)
Notes: Close S3 for positive gain. Input signal to RF(+Av) connector.
The gain Av = 1 + RFB/RIN.
For unity gain, remove RIN and short RFB.
Open S3 for negative gain. Input signal to RF(-Av) connector.
The gain Av = -RFB/RIN.
S1 and S2 are switches for possible resistor and capacitor load
connections.
RF(--Av)
VOUT
1
5
4
3
2
RFB
RL
CL
S1
S3
S2
Figure 1—AC Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com