Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8200 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8200
Description  1.0V Precision Shunt Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8200 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP8200 Datasheet HTML 1Page - Monolithic Power Systems MP8200 Datasheet HTML 2Page - Monolithic Power Systems MP8200 Datasheet HTML 3Page - Monolithic Power Systems MP8200 Datasheet HTML 4Page - Monolithic Power Systems MP8200 Datasheet HTML 5Page - Monolithic Power Systems MP8200 Datasheet HTML 6Page - Monolithic Power Systems MP8200 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MP8200 – LOW VOLTAGE, 1V PRECISION SHUNT VOLTAGE REGULATOR
MP8200 Rev. 0.9
www.MonolithicPower.com
6
9/30/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
APPLICATION INFORMATION
External Bias Resistor
In the case of shunt voltage references, an
external bias resistor (RBIAS) is required
between the supply voltage and the MP8200.
RBIAS sets the current that is required to pass
through the load and the IC.
The load and supply voltages can vary, so RBIAS
should be chosen such that is it small enough
to supply the minimum current to the MP8200
when the supply voltage is at its minimum and
the load current is at its maximum. In addition,
RBIAS needs to be large enough that the
quiescent current does not exceed 10mA when
the supply voltage is at its maximum and the
load current is at its minimum.
Choose RBIAS using the following equation:
Q
L
OUT
SUPPLY
BIAS
I
I
V
V
R
+
−
=
Adjustable Precision Voltage Source
The MP8200 can be combined with a precision
op amp to produce a precise adjustable output
voltage. See Figure 1.
The output of the op amp is determined by the
gain of the circuit using the following equation:
2
R
1
R
1
VOUT
+
=
An optional capacitor can be added in parallel
with R2 to filter out high frequency noise.
MP8200
MP8200
--
+
VCC
RBIAS
1.0V
R1
R2
C2 (Opt.)
VOUT
Figure 1—Adjustable Precision Voltage
Source
Output Voltage Trim
Using a mechanical or digital potentiometer, the
output voltage of the MP8200 can be trimmed
to ±0.5%. See Figure 2. Note that trimming
other resistor values may not produce an
accurate output from the MP8200.
MP8200
VCC
RBIAS
VOUT
Figure 2—Output Voltage Trim
Precise Negative Voltage Reference
The MP8200 can be configured for use in
applications where a precise negative voltage
reference is needed.
MP8200
R1
-1.0V
+
-
-VDD
Figure 3—Precise –1.0V Reference
Choose R1 such that 100µA to 10mA is
provided to properly bias the MP8200, using the
equation:
I
V
1
R
DD
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com