Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8352DL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8352DL
Description  3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8352DL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8352DL Datasheet HTML 1Page - Monolithic Power Systems MP8352DL Datasheet HTML 2Page - Monolithic Power Systems MP8352DL Datasheet HTML 3Page - Monolithic Power Systems MP8352DL Datasheet HTML 4Page - Monolithic Power Systems MP8352DL Datasheet HTML 5Page - Monolithic Power Systems MP8352DL Datasheet HTML 6Page - Monolithic Power Systems MP8352DL Datasheet HTML 7Page - Monolithic Power Systems MP8352DL Datasheet HTML 8Page - Monolithic Power Systems MP8352DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP8352 – 3V to 6V INPUT, 6A, 600KHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP8352 Rev. 1.0
www.MonolithicPower.com
4
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, VCC=5V, VOUT=2.5V, TA = +25ºC, unless otherwise noted.
0
123
45
6
60
70
80
90
100
LOAD CURRENT(A)
Vin=3V
Vin=5V
Vin=6V
Efficiency vs.
Output Current
Enabled Supply Current
vs.Vcc Voltage
500
600
700
800
900
1000
VCC VOLTAGE(V)
Disabled Supply Current
vs.Vcc Voltage
10
30
50
70
90
110
130
VCC VOLTAGE(V)
Case Temperature Rise
vs.Output Current
5
15
25
35
45
55
123
456
OUTPUT CURRENT(A)
Peak Current vs.
Duty Cycle
6
7
8
9
10
11
12
13
10 20 30 40 50 60 70 80 90
DUTY CYCLE(%)
Line Regulation
INPUT VOLTAGE (V)
Load Regulation
-0.075
-0.065
-0.055
-0.045
-0.035
-0.025
-0.015
-0.005
0.005
0123456
LOAD CURRENT(A)
Vin=3V
Vin=5V
Vin=6V
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0.01
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.0 3.5
4.0 4.5
5.0 5.5 6.0
3.0 3.5
4.0 4.5
5.0 5.5
6.0
Io = 0A
Io =3A
Io =6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com