Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8652 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8652
Description  15A, 14V, High Frequency Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8652 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8652 Datasheet HTML 6Page - Monolithic Power Systems MP8652 Datasheet HTML 7Page - Monolithic Power Systems MP8652 Datasheet HTML 8Page - Monolithic Power Systems MP8652 Datasheet HTML 9Page - Monolithic Power Systems MP8652 Datasheet HTML 10Page - Monolithic Power Systems MP8652 Datasheet HTML 11Page - Monolithic Power Systems MP8652 Datasheet HTML 12Page - Monolithic Power Systems MP8652 Datasheet HTML 13Page - Monolithic Power Systems MP8652 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP8652 – 15A, 14V, HIGH FREQUENCY STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP8652 Rev. 0.9
www.MonolithicPower.com
11
10/26/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
Table 3—Compensation Values for Typical Output Voltage / Capacitor
VOUT
(V)
L1
(µH)
C2,
Ceramic
(µF)
C2, Poscap
(µF)/ESR(mΩ)
R3
(kΩ)
C3
(nF)
C6
(pF)
1.2
0.82
100X2
None
2.2
10
100
1.2
0.82
47
330/ 9/ 6.3V
5.49
3.3
560
1.8
0.82
47
330/ 9/ 6.3V
8.25
2.2
390
2.5
1.2
47
330/ 9/ 6.3V
11.5
1.5
270
3.3
1.3
47
220/ 18/ 6.3V
8.06
2.7
680
5
1.8
47
220/ 18/ 6.3V
16
1
100
To optimize the compensation components ,
the following procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
Where fC is the desired crossover frequency.
2. Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of
the crossover frequency provides sufficient
phase margin. Determine the C3 value by the
following equation:
C
f
3
R
2
4
3
C
×
×
π
>
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the switching frequency, or the
following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero. Determine the
C6 value by the equation:
3
R
R
2
C
6
C
ESR
×
=
PCB Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure 4 for references.
1) Keep the path of switching current short
and minimize the loop area formed by Input
cap, high-side and low-side MOSFETs.
2) Keep the connection of low-side MOSFET
between SW pin and input power ground
as short and wide as possible.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4) Route SW away from sensitive analog
areas such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com