Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8670 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8670
Description  6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8670 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8670 Datasheet HTML 4Page - Monolithic Power Systems MP8670 Datasheet HTML 5Page - Monolithic Power Systems MP8670 Datasheet HTML 6Page - Monolithic Power Systems MP8670 Datasheet HTML 7Page - Monolithic Power Systems MP8670 Datasheet HTML 8Page - Monolithic Power Systems MP8670 Datasheet HTML 9Page - Monolithic Power Systems MP8670 Datasheet HTML 10Page - Monolithic Power Systems MP8670 Datasheet HTML 11Page - Monolithic Power Systems MP8670 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MP8670 – 6A, 30V, 420KHZ STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP8670 Rev. 1.3
www.MonolithicPower.com
8
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 3.3µH, TA = +25ºC, unless otherwise noted. (continued)
VO
2V/div.
VSW
10V/div.
IL
5A/div.
HICCUP with Output
Short Circuit
VO
2V/div.
VSW
10V/div.
IL
5A/div.
1ms/div.
Short Circuit Recovery
VIN
5V/div.
VOUT
2V/div.
VSW
2V/div.
IL
5A/div.
VIN
10V/div.
VOUT
2V/div.
VSW
2V/div.
IL
5A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
2V/div.
IL
5A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
5V/div.
IL
5A/div.
2ms/div.
Power Up Without Load
2ms/div.
Power Up
With 6A Load
Enable Startup Without Load
Enable Startup
With 6A Load
VSW
5V/div.
VIN
200mV/div.
Input Ripple Voltage
IOUT = 6A
VOUT
20mV/div.
VSW
5V/div.
IL
5A/div.
Output Ripple Voltage
IOUT = 6A
VSW
10V/div.
VOUT
200mV/div.
IL
5A/div.
(Resistive)
(Resistive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com