Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8725 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8725
Description  21V, 5A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8725 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8725 Datasheet HTML 1Page - Monolithic Power Systems MP8725 Datasheet HTML 2Page - Monolithic Power Systems MP8725 Datasheet HTML 3Page - Monolithic Power Systems MP8725 Datasheet HTML 4Page - Monolithic Power Systems MP8725 Datasheet HTML 5Page - Monolithic Power Systems MP8725 Datasheet HTML 6Page - Monolithic Power Systems MP8725 Datasheet HTML 7Page - Monolithic Power Systems MP8725 Datasheet HTML 8Page - Monolithic Power Systems MP8725 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP8725 – 5A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8725 Rev. 1.0
www.MonolithicPower.com
5
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1.2V, L = 1.8µH, TA = +25ºC, unless otherwise noted.
VCC Regulator Line Regulation
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
Load Regulation
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Operating Range
Peak Current vs Duty Cycle
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Enable Supply Current
vs Input Voltage
Disable Supply Current
vs Input Voltage
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
-1
-0.5
0
0.5
1
0
5
10
15
20
25
VFB=1V
VEN=0V
3
3.5
4
4.5
5
5.5
6
0
5
10
15
20
25
5
5.5
6
6.5
7
7.5
8
0 10 20 30 40 50 60 70 80 90 100
0.1
1
10
100
0
5
10
15
20
25
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
012
3
45
Line Regulation
Case Temperature Rise
vs Output Current
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
5
10
15
20
25
IO=0.0A
IO=2.5A
IO=5.0A
0
5
10
15
20
25
30
35
40
45
50
01
234
5
6
VIN=21.0V
VIN=12.0V
VIN=4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com