Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM-301 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DM-301
Description  THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM-301 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM-301 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
COMPRESSION GLANDS
q
Male coupling compression glands for positioning temperature probes
q
Brass & stainless steel versions
q
1
⁄8”, 1⁄4”, 1⁄2” BSPP & BSPT
q
Suitable for probe diameters 1.0, 1.5, 3.0, 4.5 & 6.0mm
q
Metric threads also available from stock
q
Imperial probe Sizes available upon request
FLANGE PLATE
q
Stainless steel or brass for mounting temperature sensor through a
vessel wall
q
Suitable for probe diameter 1.5, 3.0,4.5 & 6mm
q
1
⁄8” BSPP female thread to accept compression gland
q
3 x 4mm diameter holes on 40mm pcd
THERMOPOCKETS
q
Solid drilled & fabricated versions
q
Stainless steel 303 & 316 food grade
q
Protect probes from corrosive media
q
Facilitate probe replacement without process disturbance
q
1
⁄2” BSPP process thread, 1⁄8” BSPP sensor connection
q
To suit 3 & 6mm diameter probes
q
Outside diameter 12mm
q
High pressure version for 1000 & 5000 psi (solid drilled)
BAYONET FITTINGS & ADAPTORS
q
For quick fit & coupling of temperature probes
q
Designed for installing “fixed mount” style temperature probes
q
Adaptors = 303 ST/ST – Bayonet fittings = BNP
q
Compression gland or grub screw fitting
q
Adaptors with 1⁄8” BSP thread
q
Alternative fittings available on request
13
www.labfacility.co.uk
INSTALLATION FITTINGS FOR
TEMPERATURE SENSORS
ORDER CODES
Stainless steel
BSPP
bore mm code
1
⁄8 ”
1.5
FC-132
1
⁄8 ”
3.0
FC-140
1
⁄8 ”
6.0
FC-138
1
⁄4 ”
3.0
FC-159
1
⁄4 ”
6.0
FC-168
1
⁄2 ”
6.0
FC-201
BSPT
1
⁄8 ”
1.0
FC-130
1
⁄8 ”
1.5
FC-131
1
⁄8 ”
3.0
FC-133
1
⁄8 ”
4.5
XS-253-RS
1
⁄8 ”
6.0
FC-136
1
⁄4 ”
3.0
FC-158
1
⁄4 ”
6.0
FC-167
1
⁄2 ”
4.5
XS-256-RS
1
⁄2 ”
6.0
FC-200
Brass
BSPP
bore mm code
1
⁄8 ”
3.0
FC-003
1
⁄4 ”
3.0
FC-031
1
⁄4 ”
6.0
FC-036
BSPT
1
⁄8 ”
1.5
FC-001
1
⁄8 ”
3.0
FC-002
1
⁄8 ”
6.0
FC-011
1
⁄4 ”
3.0
FC-030
1
⁄4 ”
6.0
FC-037
1
⁄2 ”
6.0
FC-092
ORDER CODES
High pressure version 303 Grade stainless steel (1000 PSI)
To suit probe size/Length
code
Up to 6.35mm x 200mm
LB-005
High pressure version 316 Grade Stainless steel (Tapered) (5000 PSI)
To suit probe size/Length
code
6mm x 100mm
LB-003
6mm x 150mm
LB-001-RS
Standard Fabricated versions 316 stainless steel
Outer Diameter 8mm
To suit probe size/Length
code
3mm x 150mm
TPF-8.0-100
3mm x 200mm
TPF-8.0-150
Outer Diameter 7/16” Dia
code
To suit probe size/Length
6mm x 150mm
TPF-11.1-100
6mm x 200mm
TPF-11.1-150
6mm x 400mm
TPF-11.1-350
6mm x 600mm
TPF-11.1-550
ORDER CODES
Stainless steel
CA-250
Brass
CA-251
ORDER CODES
Bayonet Fittings
Single pin / single slot
Code
3.0mm Grub screw
CA-302
4.5mm Grub screw
CA-303
3.0mm Compression
CA-300
4.5mm Compression
CA-301
Bayonet Adaptors
22mm Long
CA-400
35mm Long
CA-401
48mm Long
CA-402
64mm Long
CA-403
DM600 – BATTERY POWERED IN-HEAD
FIELD INDICATOR
q
Temperature readout in-head
q
Battery powered (3 year
battery life)
q
RTD or TC input options
q
Push button
configurable
q
4 digit display
q
IP67 housing
Details on request
DM700 – LOOP POWERED IN-HEAD
FIELD INDICATOR
q
Temperature readout in-head
q
4-20mA Loop Powered
q
RTD or TC input options
q
Push button configurable
q
4 Digit display
q
IP67 housing
Details on request
Alternatives made to order – details on request
IN-HEAD INDICATORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com