Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9151 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP9151
Description  20V, 4A Synchronous Step-Down Coverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP9151 Datasheet HTML 11Page - Monolithic Power Systems MP9151 Datasheet HTML 12Page - Monolithic Power Systems MP9151 Datasheet HTML 13Page - Monolithic Power Systems MP9151 Datasheet HTML 14Page - Monolithic Power Systems MP9151 Datasheet HTML 15Page - Monolithic Power Systems MP9151 Datasheet HTML 16Page - Monolithic Power Systems MP9151 Datasheet HTML 17Page - Monolithic Power Systems MP9151 Datasheet HTML 18Page - Monolithic Power Systems MP9151 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP9151
– 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP9151 Rev. 1.0
www.MonolithicPower.com
15
3/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
GND
GND
VOUT
VIN
Top Layer
IN1 Layer
GND
Bottom Layer
GND
GND
IN2 Layer
GND
GND
VOUT
VIN
Top Layer
IN1 Layer
GND
Bottom Layer
GND
GND
IN2 Layer
GND
GND
VOUT
VIN
Top Layer
IN1 Layer
GND
Bottom Layer
GND
GND
IN2 Layer
GND
GND
VOUT
VIN
Top Layer
IN1 Layer
GND
Bottom Layer
GND
GND
IN2 Layer
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 1: Design Example
VIN
12V
VOUT
3.3V
Io
4A
The detailed application schematic is shown in
Figure 8. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com