Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9151GD-P Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP9151GD-P
Description  20V, 4A Synchronous Step-Down Coverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151GD-P Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP9151GD-P Datasheet HTML 6Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 7Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 8Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 9Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 10Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 11Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 12Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 13Page - Monolithic Power Systems MP9151GD-P Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP9151
– 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP9151 Rev. 1.0
www.MonolithicPower.com
10
3/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP9151 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve more than 4A
continuous output current over a wide input
supply range with excellent load and line
regulation.
The MP9151 operates in a fixed frequency,
peak current control mode to regulate the
output voltage. A PWM cycle is initiated by the
internal clock. The integrated high-side power
MOSFET is turned on and remains on until its
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If, in
95% of one PWM period, the current in the
power MOSFET does not reach the COMP set
current value, the power MOSFET will be
forced to turn off.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.795V reference (REF) and
outputs a current proportional to the difference
between the two. This output current is then
used to charge or discharge the internal
compensation network to form the COMP
voltage, which is used to control the power
MOSFET
current.
The
optimized
internal
compensation network minimizes the external
component counts and simplifies the control
loop design.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 5.0V, the output of
the regulator is in full regulation. When VIN is
lower than 5.0V, the output decreases, a 1uF
ceramic capacitor for decoupling purpose is
required.
Enable Control
The MP9151 has a dedicated enable control pin
(EN): pulling it high enables the IC, pulling it low
disables it. Float EN for automatic start up. EN
must be pulled low to disable the part.
The EN pin is clamped internally using a 6.7V
series-Zener-diode
as
shown
in
Figure
2
Connect the EN input pin through a pullup
resistor to any voltage connected to the VIN pin
such that the pullup resistor limits the EN input
current to less than 100µA.
For example, connecting 12V to VIN, RPULLUP ≥
(12V
– 6.7V)/100µA = 53kΩ.
Connecting the EN pin is directly to a voltage
source without any pullup resistor requires
limiting the amplitude of the voltage source to
below 6V to prevent damage to the Zener
diode.
Figure 2: Zener Diode between EN and GND
The EN pin also features an internal 2.3
μA
current source. Connect a capacitor to the EN
pin for delayed startup. When VIN exceeds the
input UVLO, an internal 2.3
μA current source
charges the external capacitor. The external
capacitor connects to the non-inverting input of
a comparator. The part is enabled once the
capacitor voltage exceeds the 1.5V internal
reference voltage.
Power Good Indicator
The MP9151 has an open drain pin for power
good indicator. When FB pin is higher than 90%
of regulation voltage, 0.795V, PG pin is pulled
up to VCC by the external resistor. If FB pin
voltage drop down to 80% of the regulation
voltage, PG pin is pulled down to ground by an
internal MOS FET.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented
to protect the chip from operating at insufficient
supply voltage. The MP9151 UVLO comparator
monitors the output voltage of the internal
regulator, VCC. The UVLO rising threshold is
about 4.1V while its falling threshold is a
consistent 3.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com