Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9361 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP9361
Description  High Performance Regulated Charge Pump
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9361 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP9361 Datasheet HTML 1Page - Monolithic Power Systems MP9361 Datasheet HTML 2Page - Monolithic Power Systems MP9361 Datasheet HTML 3Page - Monolithic Power Systems MP9361 Datasheet HTML 4Page - Monolithic Power Systems MP9361 Datasheet HTML 5Page - Monolithic Power Systems MP9361 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MP9361–HIGH PERFORMANCE REGULATED CHARGE PUMP
MP9361 Rev. 0.9
www.MonolithicPower.com
2
11/3/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PACKAGE REFERENCE
OUT
GND
EN
1
2
3
6
5
4
CP
IN
CN
TOP VIEW
Part Number*
Package
Temperature
MP9361DJ
TSOT23-6
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP9361DJ–Z)
For RoHS compliant packaging, add suffix –LF
(e.g. MP9361DJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Input Voltage .................. –0.3V to +6.0V
All Other Pins.............................. –0.3V to +6.0V
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
Supply Voltage VIN.......................... 2.8V to 5.0V
Output Voltage VOUT ................................... 5.0V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSOT23-6 .............................. 195 ..... 25...
°C/W
Notes:
1)
Exceeding these ratings may damage the device.
2)
The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN=3.7V, CIN=COUT=2.2uF, CP=0.22µF, TA=25°C, Unless otherwise noted
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage
VIN
2.8
5
V
Output Voltage
VOUT
VIN>3.2V, IOUT<110mA
4.8
5
5.2
V
Quiescent Current
IQ
IOUT=0
2
4
mA
Maximum Output Current
IO
VIN>3.2V
110
mA
Over Current Protection
IOCP
VOUT=5V
250
350
500
mA
Short Circuit Protection
ISHORT
60
90
mA
Output Ripple
IOUT=60mA
30
mV
Shut Down Current
ISHDN
VIN=4.5V, VEN<0.4V
0.1
1
µA
Operation Frequency
FOSC
1.1
1.35
1.6
MHz
Enable Voltage, High
VEN (HIGH)
1.5
V
Enable Voltage, Low
VEN (LOW)
0.4
V
Enable Pin Leakage
IEN
VEN=5V
0.2
1
µA
PIN FUNCTIONS
Pin #
Name
Description
1
OUT
Output Voltage. Decoupled with a 2.2µF ceramic capacitor for a load current less than 60mA.
For a load current greater than 60mA, use 10µF decoupling capacitor.
2
GND
Ground.
3
EN
Device Enable: A logic high input (VEN>1.5V) turns on the regulator. A logic low input
(VEN>0.4V)
4
CN
Flying Capacitor Negative Terminal.
5
IN
Input.
6
CP
Flying Capacitor Positive Terminal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com