Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP18021 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP18021
Description  100V High Frequency Half-Bridge Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP18021 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP18021 Datasheet HTML 1Page - Monolithic Power Systems MP18021 Datasheet HTML 2Page - Monolithic Power Systems MP18021 Datasheet HTML 3Page - Monolithic Power Systems MP18021 Datasheet HTML 4Page - Monolithic Power Systems MP18021 Datasheet HTML 5Page - Monolithic Power Systems MP18021 Datasheet HTML 6Page - Monolithic Power Systems MP18021 Datasheet HTML 7Page - Monolithic Power Systems MP18021 Datasheet HTML 8Page - Monolithic Power Systems MP18021 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP18021―100V HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP18021 Rev. 1.0
www.MonolithicPower.com
6
8/8/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VDD =12V, VSS=VSW = 0V, TA= +25C, unless otherwise noted.
IDDO Operation Current vs.
Frequency
0
1
2
3
4
5
6
0
200
400
600
800
1000
IBSTO Operation Current vs.
Frequency
0
1
2
3
4
0
200
400
600
800
1000
High Level Output
Voltage vs.Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
0
50
100
150
Low Level Output Voltage vs.
Temperature
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
0
50
100
150
Undervoltage Lockout
Threshold vs.Temperature
Undervoltage Lockout
Hysteresis vs.Temperature
490
500
510
520
530
540
550
560
-50
0
50
100
150
T=-40oC
T=0oC
T=25oC
T=125oC
T=-40oC
T=0oC
T=25oC
T=125oC
VBST=VDD=9V
VBST=VDD=12V
VBST=VDD=14V
VDDH
VBSTH
VBST=VDD=9V
VBST=VDD=12V
VBST=VDD=14V
Propagation Delay vs.
Temperature
13
14
15
16
17
18
19
20
-50
0
50
100
150
TDHRR
TDLRR
TDLFF
TDHFF
Peak Pull-up Current vs.
Output Voltage
0
0.5
1
1.5
2
02
468
10
12
0
2
4
68
10
12
VDRVH,VDRVL (V)
Peak Pull-down Current vs.
Output Voltage
VDRVH,VDRVL (V)
0
0.5
1
1.5
2
2.5
3
6.5
7
7.5
8
8.5
-50
0
50
100
150
VBSTR
VDDR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com