Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP18024 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP18024
Description  100V, 4A, High Frequency Half-Bridge Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP18024 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP18024 Datasheet HTML 3Page - Monolithic Power Systems MP18024 Datasheet HTML 4Page - Monolithic Power Systems MP18024 Datasheet HTML 5Page - Monolithic Power Systems MP18024 Datasheet HTML 6Page - Monolithic Power Systems MP18024 Datasheet HTML 7Page - Monolithic Power Systems MP18024 Datasheet HTML 8Page - Monolithic Power Systems MP18024 Datasheet HTML 9Page - Monolithic Power Systems MP18024 Datasheet HTML 10Page - Monolithic Power Systems MP18024 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP18024―100V, 4A HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP18024 Rev. 1.0
www.MonolithicPower.com
7
6/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VDD = 12V, VSS = VSW = 0V, TA = 25C, unless otherwise noted.
0
1
2
3
4
5
6
7
8
1012141618
INL
INH
2V/div.
INL
INH
2V/div.
DRVL
5V/div.
DRVH
5V/div.
Turn-on Propagation Delay
INL
10V/div.
INH
10V/div.
DRVL
5V/div.
DRVH
5V/div.
DRVL
10V/div.
DRVH
10V/div.
Turn-off Propagation Delay
Gate Drive Matching TMOFF
Gate Drive Matching TMON
Drive Rise Time
2.2nF Load
Drive Fall Time
2.2nF Load
INL
10V/div.
INH
10V/div.
DRVL
10V/div.
DRVH
10V/div.
DRVL
5V/div.
DRVH
5V/div.
DRVL
5V/div.
DRVH
5V/div.
20ns
20ns
1.44ns
1.52ns
14.4ns
9.4ns
Peak Current vs.
Vdd Voltage
IOLL
IOLH
IOHL
IOHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com