Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP20044 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP20044
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20044 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP20044 Datasheet HTML 1Page - Monolithic Power Systems MP20044 Datasheet HTML 2Page - Monolithic Power Systems MP20044 Datasheet HTML 3Page - Monolithic Power Systems MP20044 Datasheet HTML 4Page - Monolithic Power Systems MP20044 Datasheet HTML 5Page - Monolithic Power Systems MP20044 Datasheet HTML 6Page - Monolithic Power Systems MP20044 Datasheet HTML 7Page - Monolithic Power Systems MP20044 Datasheet HTML 8Page - Monolithic Power Systems MP20044 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP20044-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20044 Rev. 1.0
www.MonolithicPower.com
3
1/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PACKAGE REFERENCE
OUT1
IN
EN1
GND
OUT2
NC
NC
EN2
8
7
6
5
1
2
3
4
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Input Voltage ................................. 6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................. 1.5W
Operation Temperature Range ... -40°C to 85°C
Storage Temperature Range ..... -65°C to 150°C
Lead Temperature (Soldering, 10sec) .....260°C
Recommended Operating Conditions
(3)
Supply Input Voltage.......................2.5V to 6.0V
Enable Input Voltage .........................0V to 6.0V
Operating Junct. Temp (TJ)...... -40C to +125C
Thermal Resistance
(4)
θJA
θJC
2mmx2mm TQFN8……………80……16 ...
C/W
Notes:
1) Exceeding these ratings may cause permanent damage to
the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside its operating
conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com