Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP20045 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20045
Description  Low Noise, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20045 Datasheet HTML 1Page - Monolithic Power Systems MP20045 Datasheet HTML 2Page - Monolithic Power Systems MP20045 Datasheet HTML 3Page - Monolithic Power Systems MP20045 Datasheet HTML 4Page - Monolithic Power Systems MP20045 Datasheet HTML 5Page - Monolithic Power Systems MP20045 Datasheet HTML 6Page - Monolithic Power Systems MP20045 Datasheet HTML 7Page - Monolithic Power Systems MP20045 Datasheet HTML 8Page - Monolithic Power Systems MP20045 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP20045 – LOWER NOISE, 1A LINEAR REGULATOR
MP20045 Rev. 1.0
www.MonolithicPower.com
4
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=VOUT+0.5V or VIN=2.5V, EN=VIN, Typical values are at TA=+25°C, unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Input Voltage
2.5
5.5
V
Input Under voltage Lockout
VIN rising
2.0
2.3
V
Hysteresis of UVLO
160
mV
FB Accuracy
Adjustable
IOUT=1mA
-2.5
2.5
1.5V
IOUT=1mA, 2.5V<VIN<5.5V
-2.5
2.5
1.8V
IOUT=1mA, 2.5V<VIN<5.5V
-2.5
2.5
2.5V
IOUT=1mA, 3V<VIN<5.5V
-2.5
2.5
Output
Voltage
Accuracy
3.3V
IOUT=1mA, 3.8V<VIN<5.5V
-2.5
2.5
%
Maximum Output Current
Continuous, VIN>=3V
1
A
Short-Circuit Current Limit
VOUT=0, VIN>=3V
1.6
A
In-Regulation Current Limit
VOUT within 4% of normal output
voltage VIN=5.5V
1.4
2.2
3.0
A
Ground Current
IOUT=100µA
110
µA
Dropout Voltage
(5)
IOUT=1A
140
280
mV
Line Regulation
(6)
VIN from VOUT+0.5V to 5.5V, IOUT=5mA
-0.15
0.15
%/V
Load Regulation
(7)
IOUT from 1mA to 1A
-0.3
%
Output Voltage Noise
VIN=3.3V, VOUT=2.8V, COUT=2.2µF,
IOUT=100mA, f ranges from 10Hz to
100kHz
13
µVRMS
PSRR
At 1kHz, IOUT=250mA
56
dB
Shutdown Supply Current
VIN=+5.5V
5
16
µA
EN Logic High
1.5
EN PIN Threshold
EN Logic Low
0.4
V
EN pin PULL-UP resistor
550k
1.1M
Ω
Thermal Shutdown Temperature
Typical thermal hysteresis =20°C
150
°C
Minimum input voltage
IOUT(PG)=300µA
1.1
1.3
V
Trip threshold voltage
MP20045
MP20045-15
MP20045-18
MP20045-25
80
86
VOUT decreasing
MP20045-33
77
83
%VOUT
Hysteresis voltage
Measured at VOUT
6
%VOUT
Output low voltage
IOUT(PG)=1mA
0.15
0.4
V
PG
Leakage current
V(PG)=5.5V
1
µA
Notes:
5) Dropout Voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.
6) Line Regulation=
()
IN(MAX )
IN(MIN)
OUT V
OUT V
IN(MIN)
OUT(NOM)
IN MAX
VV
100(% / V)
VV
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
⎡⎤
−×
⎣⎦
7) Load Regulation=
()
OUT (MAX )
OUT(MIN)
OUTI
OUTI
OUT NOM
VV
100(%)
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com