Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS090 Datasheet(PDF) 26 Page - Microsemi Corporation

Part # AFS090
Description  Terrestrial FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 26 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 19Page - Microsemi Corporation AFS090 Datasheet HTML 20Page - Microsemi Corporation AFS090 Datasheet HTML 21Page - Microsemi Corporation AFS090 Datasheet HTML 22Page - Microsemi Corporation AFS090 Datasheet HTML 23Page - Microsemi Corporation AFS090 Datasheet HTML 24Page - Microsemi Corporation AFS090 Datasheet HTML 25Page - Microsemi Corporation AFS090 Datasheet HTML 26Page - Microsemi Corporation AFS090 Datasheet HTML 27Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
27
www.microsemi.com/soc
Intellectual Property Cores
Microsemi IP Cores
Tiles
ObfuscatedCore
RTLCore
Core10/100
10/100 Mbps Ethernet MAC with Host Controller (AHB/APB option available)
7,254
Free Libero Gold
Purchase
Core1553BBC
MIL-STD-1553B Bus Controller (BC)
2,331
Purchase
Purchase
Core1553BRM
MIL-STD-1553B Bus Monitor Only
3,016
Purchase
Purchase
Core1553BRM
MIL-STD-1553B Combined Remote Terminal (RT), Bus Controller, and Bus Monitor (BM)
6,787
Purchase
Purchase
Core1553BRT
MIL-STD-1553B Remote Terminal
1,612
Purchase
Purchase
Core429
ARINC 429 Bus Interface (1 receive channel)
740
Purchase
Purchase
Core429
ARINC 429 Bus Interface (1 transmit channel)
563
Purchase
Purchase
CorePCIF
PCI Specification 2.3 Bus Controller with FIFO Support (66/64 Target and Master)
3,808
Purchase
Purchase
CorePCIF
PCI Specification 2.3 Bus Controller with FIFO Support (33/32 Target)
996
Purchase
Purchase
Core16550
Universal Asynchronous Receiver/Transmitter with or without FIFO
979
Libero Gold
Libero Platinum
Core3DES
3DES Encryption and Decryption
1,413
Libero Gold
Libero Platinum
Core8051s
8-Bit Microprocessor, 100% ASM51 Compatible, Configurable Peripherals,
AHB Bus Compliant
2,500
Libero Gold
Libero Platinum
CoreABC
Low-Gate-Count Controller for the APB
241
Libero Gold
Libero Platinum
CoreAES128
AES Encryption and Decryption
5,193
Libero Gold
Libero Platinum
CoreAHB
Multi-Master Advanced High Performance Bus (AHB)
1,300
Libero Gold
Libero Platinum
CoreAHB2APB
AHB to Advanced Peripheral Bus (APB) Bridge
250
Libero Gold
Libero Platinum
CoreAHBLite
Single-Master AHB
700
Libero Gold
Libero Platinum
CoreAHBNVM
On-Chip Flash Memory Controller with AHB Interface
396
Libero Gold
Libero Platinum
CoreAHBSRAM
On-Chip SRAM Memory Controller with AHB Interface
236
Libero Gold
Libero Platinum
CoreAI
Analog Interface Core (maximum configuration)
460
Libero Gold
Libero Platinum
CoreAPB
APB
125
Libero Gold
Libero Platinum
CoreCFI
Common Flash Interface—Typical Configuration
600
Libero Gold
Libero Platinum
CoreCORDIC
Coordinate Rotational Digital Computer Core (bit-serial architecture)
450
Libero Gold
Libero Platinum
CoreDDR
High Performance Double Data Rate (DDR) SDRAM Controller
1,748
Libero Gold
Libero Platinum
CoreDES
DES Encryption and Decryption
1,271
Libero Gold
Libero Platinum
CoreFMEE
Flash Memory Endurance Extender (typical configuration)
541
Libero Gold
Libero Platinum
CoreGPIO
General-Purpose Input/Output Controller with APB Interface
100
Libero Gold
Libero Platinum
CoreI2C
I2C Master/Slave Interface
658
Libero Gold
Libero Platinum
CoreInterrupt
CoreMP7 Interrupt Controller
68
Libero Gold
Libero Platinum
CoreLPC
Intel Low Pin Count interface for Fusion/IGLOO/PA3 (SERIRQ disabled)
340
Libero Gold
Libero Platinum
CoreMemCtrl
Off-Chip Memory Controller with AHB Interface
100
Libero Gold
Libero Platinum
CorePWM
Pulse Width Modulation Core (typical configuration)
650
Libero Gold
Libero Platinum
CoreSDLC
Synchronous Data Link Controller
1,286
Libero Gold
Libero Platinum
CoreSDR
High Performance Single Data Rate (SDR) SDRAM Controller
1,350
Libero Gold
Libero Platinum
CoreSMBus
System Management Bus Controller (master/slave configuration)
1,078
Libero Gold
Libero Platinum
CoreSMBus
System Management Bus Controller (slave-only configuration)
733
Libero Gold
Libero Platinum
CoreSPI
Serial Peripheral Interface (Combined Mode)
330
Libero Gold
Libero Platinum
CoreTimer
16- or 32-Bit Timer with APB Interface
310
Libero Gold
Libero Platinum
CoreUART
Universal Asynchronous Receiver/Transmitter
337
Libero Gold
Libero Platinum
CoreUART_APB
Universal Asynchronous Receiver/Transmitter with APB Interface
300
Libero Gold
Libero Platinum
CoreWatchdog
Watchdog Timer with APB Interface
280
Libero Gold
Libero Platinum
Cortex-M1
High Performance 32-Bit FPGA-Optimized Processor (pre-placed design block)
4,300
Libero Gold
Libero Platinum
CoreFFT
Fast Fourier Transform Core Generator (1,024 points)
9,030
Web Only
Web Only
CoreFFT
Fast Fourier Transform Core Generator (256 points)
7,364
Web Only
Web Only
CoreFIR
Finite Impulse Response Core Generator (configuration 1)
583
Web Only
Web Only
Note: Additional Cores and configurations can be found on the website and in core handbooks.
FlashPro4 In-System FPGA Programmer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com