Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P600 Datasheet(PDF) 39 Page - Microsemi Corporation

Part # A3P600
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P600 Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button A3P600 Datasheet HTML 35Page - Microsemi Corporation A3P600 Datasheet HTML 36Page - Microsemi Corporation A3P600 Datasheet HTML 37Page - Microsemi Corporation A3P600 Datasheet HTML 38Page - Microsemi Corporation A3P600 Datasheet HTML 39Page - Microsemi Corporation A3P600 Datasheet HTML 40Page - Microsemi Corporation A3P600 Datasheet HTML 41Page - Microsemi Corporation A3P600 Datasheet HTML 42Page - Microsemi Corporation A3P600 Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-25
Detailed I/O DC Characteristics
Table 2-27 • Input Capacitance
Symbol
Definition
Conditions
Min.
Max.
Units
CIN
Input capacitance
VIN = 0, f = 1.0 MHz
8
pF
CINCLK
Input capacitance on the clock pin
VIN = 0, f = 1.0 MHz
8
pF
Table 2-28 • I/O Output Buffer Maximum Resistances1
Applicable to Advanced I/O Banks
Standard
Drive Strength
RPULL-DOWN ()2
RPULL-UP ()3
3.3 V LVTTL / 3.3 V LVCMOS
2 mA
100
300
4 mA
100
300
6 mA
50
150
8 mA
50
150
12 mA
25
75
16 mA
17
50
24 mA
11
33
3.3 V LVCMOS Wide Range4
100 µA
Same as regular
3.3 V LVCMOS
Same as regular
3.3 V LVCMOS
2.5 V LVCMOS
2 mA
100
200
4 mA
100
200
6 mA
50
100
8 mA
50
100
12 mA
25
50
16 mA
20
40
24 mA
11
22
1.8 V LVCMOS
2 mA
200
225
4 mA
100
112
6 mA
50
56
8 mA
50
56
12 mA
20
22
16 mA
20
22
1.5 V LVCMOS
2 mA
200
224
4 mA
100
112
6 mA
67
75
8 mA
33
37
12 mA
33
37
3.3 V PCI/PCI-X
Per PCI/PCI-X
specification
25
75
Notes:
1. These maximum values are provided for informational reasons only. Minimum output buffer resistance
values depend on VCCI, drive strength selection, temperature, and process. For board design
considerations and detailed output buffer resistances, use the corresponding IBIS models located at
http://www.microsemi.com/soc/download/ibis/default.aspx.
2. R(PULL-DOWN-MAX) = (VOLspec) / IOLspec
3. R(PULL-UP-MAX) = (VCCImax – VOHspec) / IOHspec
4. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com