Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P250 Datasheet(PDF) 51 Page - Microsemi Corporation

Part # A3P250
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P250 Datasheet(HTML) 51 Page - Microsemi Corporation

Back Button A3P250 Datasheet HTML 47Page - Microsemi Corporation A3P250 Datasheet HTML 48Page - Microsemi Corporation A3P250 Datasheet HTML 49Page - Microsemi Corporation A3P250 Datasheet HTML 50Page - Microsemi Corporation A3P250 Datasheet HTML 51Page - Microsemi Corporation A3P250 Datasheet HTML 52Page - Microsemi Corporation A3P250 Datasheet HTML 53Page - Microsemi Corporation A3P250 Datasheet HTML 54Page - Microsemi Corporation A3P250 Datasheet HTML 55Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-37
Table 2-46 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
Std.
0.66
9.46
0.04
1.00
0.43
9.64
8.54
2.07
2.04
ns
–1
0.56
8.05
0.04
0.85
0.36
8.20
7.27
1.76
1.73
ns
–2
0.49
7.07
0.03
0.75
0.32
7.20
6.38
1.55
1.52
ns
4 mA
Std.
0.66
9.46
0.04
1.00
0.43
9.64
8.54
2.07
2.04
ns
–1
0.56
8.05
0.04
0.85
0.36
8.20
7.27
1.76
1.73
ns
–2
0.49
7.07
0.03
0.75
0.32
7.20
6.38
1.55
1.52
ns
6 mA
Std.
0.66
6.57
0.04
1.00
0.43
6.69
5.98
2.40
2.57
ns
–1
0.56
5.59
0.04
0.85
0.36
5.69
5.09
2.04
2.19
ns
–2
0.49
4.91
0.03
0.75
0.32
5.00
4.47
1.79
1.92
ns
8 mA
Std.
0.66
6.57
0.04
1.00
0.43
6.69
5.98
2.40
2.57
ns
–1
0.56
5.59
0.04
0.85
0.36
5.69
5.09
2.04
2.19
ns
–2
0.49
4.91
0.03
0.75
0.32
5.00
4.47
1.79
1.92
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com