Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DV243003 Datasheet(PDF) 14 Page - Microchip Technology

Part # DV243003
Description  MPLAB짰 Starter Kit for Serial Memory Products User?셲 Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV243003 Datasheet(HTML) 14 Page - Microchip Technology

Back Button DV243003 Datasheet HTML 8Page - Microchip Technology DV243003 Datasheet HTML 9Page - Microchip Technology DV243003 Datasheet HTML 10Page - Microchip Technology DV243003 Datasheet HTML 11Page - Microchip Technology DV243003 Datasheet HTML 12Page - Microchip Technology DV243003 Datasheet HTML 13Page - Microchip Technology DV243003 Datasheet HTML 14Page - Microchip Technology DV243003 Datasheet HTML 15Page - Microchip Technology DV243003 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MPLAB® Starter Kit for Serial Memory Products User’s Guide
DS22087B-page 10
© 2008 Microchip Technology Inc.
2.4
CHANGE THE VOLTAGE AND SPI MODE
The Memory Starter Kit also gives you the ability to change voltage or change SPI
modes by clicking on the Settings button. If you are using SPI you can select Mode 1,1
or Mode 0,0. If your device has the ability to work at multiple voltages you can select
from two on-board voltages, either 3.3V or 5.0V. In addition, the Memory Starter Kit can
be used with external voltages by changing the jumper to External VDD and using the
provided power and ground connections. It is up to the user to make sure that his/her
device can support voltages lower than 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com