Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA150 Datasheet(PDF) 38 Page - Microsemi Corporation

Part # APA150
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA150 Datasheet(HTML) 38 Page - Microsemi Corporation

Back Button APA150 Datasheet HTML 34Page - Microsemi Corporation APA150 Datasheet HTML 35Page - Microsemi Corporation APA150 Datasheet HTML 36Page - Microsemi Corporation APA150 Datasheet HTML 37Page - Microsemi Corporation APA150 Datasheet HTML 38Page - Microsemi Corporation APA150 Datasheet HTML 39Page - Microsemi Corporation APA150 Datasheet HTML 40Page - Microsemi Corporation APA150 Datasheet HTML 41Page - Microsemi Corporation APA150 Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 34
v5.2
Table 1-18 • Performance Retention
Minimum Time at TJ
110°C or below
Minimum Time at TJ
125°C or below
Minimum Time at TJ
135°C or below
Minimum Time at TJ
150°C or below
Minimum
Performance
Retention (Years)
100%
20.0
90%
10%
18.2
75%
25%
16
90%
10%
15.4
50%
50%
13.3
90%
10%
11.8
75%
25%
11.4
100%
10
90%
10%
9.1
50%
50%
8
75%
25%
8
90%
10%
7.7
75%
25%
7.3
50%
50%
6.7
75%
25%
5.7
100%
5
90%
10%
4.5
50%
50%
4.4
50%
50%
4
75%
25%
4
50%
50%
3.3
100%
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com