Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA1000 Datasheet(PDF) 36 Page - Microsemi Corporation

Part # APA1000
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA1000 Datasheet(HTML) 36 Page - Microsemi Corporation

Back Button APA1000 Datasheet HTML 32Page - Microsemi Corporation APA1000 Datasheet HTML 33Page - Microsemi Corporation APA1000 Datasheet HTML 34Page - Microsemi Corporation APA1000 Datasheet HTML 35Page - Microsemi Corporation APA1000 Datasheet HTML 36Page - Microsemi Corporation APA1000 Datasheet HTML 37Page - Microsemi Corporation APA1000 Datasheet HTML 38Page - Microsemi Corporation APA1000 Datasheet HTML 39Page - Microsemi Corporation APA1000 Datasheet HTML 40Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 32
v5.2
The following is an APA750 example using a shift register design with 13,440 storage tiles (Register) and 0 logic tiles.
This design has one clock at 10 MHz, and 24 outputs toggling at 5 MHz. We then calculate the various components as
follows:
Pclock
=>
Pclock = (P1 + (P2*R) - (P7*R
2)) * Fs = 121.5 mW
Pstorage
=>
Pstorage = P5 * ms * Fs = 147.8 mW
Plogic
=>
Plogic = 0 mW
Poutputs
=>
Poutputs = (P4 + (Cload * VDDP
2)) * p * Fp = 91.4 mW
Pinputs
=>
Pinputs = P8 * q * Fq = 0.3 mW
Pmemory
=>
Pmemory = 0 mW
Pac
=>
361 mW
Ptotal
Pdc + Pac = 374 mW (typical)
Fs
= 10 MHz
R
= 13,440
ms
= 13,440 (in a shift register 100% of storage tiles are toggling at each clock cycle and Fs = 10 MHz)
mc
= 0 (no logic tiles in this shift register)
Cload
=
40 pF
VDDP
=
3.3 V
p=
24
Fp
=
5 MHz
q=
1
Fq
=
10 MHz
Nmemory
=
0 (no RAM/FIFO blocks in this shift register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com