Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX250 Datasheet(PDF) 50 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 50 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 46Page - Microsemi Corporation AX250 Datasheet HTML 47Page - Microsemi Corporation AX250 Datasheet HTML 48Page - Microsemi Corporation AX250 Datasheet HTML 49Page - Microsemi Corporation AX250 Datasheet HTML 50Page - Microsemi Corporation AX250 Datasheet HTML 51Page - Microsemi Corporation AX250 Datasheet HTML 52Page - Microsemi Corporation AX250 Datasheet HTML 53Page - Microsemi Corporation AX250 Datasheet HTML 54Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 262 page
background image
Detailed Specifications
2- 36
R e v i sio n 1 8
1.8 V LVCMOS
Low-Voltage Complementary Metal-Oxide Semiconductor for 1.8 V is an extension of the LVCMOS
standard (JESD8-5) used for general-purpose 1.8 V applications. It uses a 3.3 V tolerant CMOS input
buffer and a push-pull output buffer.
AC Loadings
Table 2-26 • DC Input and Output Levels
VIL
VIH
VOL
VOH
IOL
IOH
Min., V
Max., V
Min., V
Max., V
Max., V
Min., V
mA
mA
–0.3
0.2 VCCI
0.7 VCCI
3.6
0.2
VCCI – 0.2
8 mA
–8 mA
Figure 2-17 • AC Test Loads
Table 2-27 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ) (V)
Cload (pF)
0
1.8
0.5 VCCI
N/A
35
Note:
* Measuring Point = VTRIP
R to VCCI for tplz / tpzl
R to GND for tphz / tpzh
35 pF for tpzh / tpzl
5 pF for tphz / tplz
Test Point
Test Point
35 pF
for tristate
R=1k
for tpd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com