| Electronic Components Datasheet Search |
|
AX250 Datasheet(PDF) 129 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX250 Datasheet(HTML) 129 Page - Microsemi Corporation |
|
129 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 3-3 IO54PB1F5 E20 IO55NB1F5 E21 IO55PB1F5 D21 IO56NB1F5 H19 IO56PB1F5 G19 IO57NB1F5 D22 IO57PB1F5 C22 IO58NB1F5 B23 IO58PB1F5 A23 IO59NB1F5 D23 IO59PB1F5 C23 IO60NB1F5 G21 IO60PB1F5 G20 IO61NB1F5 E23 IO61PB1F5 E22 IO62NB1F5 F22 IO62PB1F5 F21 IO63NB1F5 H20 IO63PB1F5 J19 Bank 2 IO64NB2F6 J21 IO64PB2F6 H21 IO65NB2F6 F24 IO65PB2F6 F23 IO66NB2F6 F26 IO66PB2F6 F25 IO67NB2F6 E26 IO67PB2F6 E25 IO68NB2F6 J22 IO68PB2F6 H22 IO69NB2F6 G24 IO69PB2F6 G23 IO70NB2F6 K20 IO70PB2F6 J20 IO71NB2F6 G26 IO71PB2F6 G25 IO72NB2F6 J24 BG729 AX1000 Function Pin Number IO72PB2F6 J23 IO73NB2F6 H24 IO73PB2F6 H23 IO74NB2F7 L21 IO74PB2F7 K21 IO75NB2F7 G27 IO75PB2F7 F27 IO76NB2F7 K23 IO76PB2F7 K22 IO77NB2F7 H26 IO77PB2F7 H25 IO78NB2F7 K25 IO78PB2F7 K24 IO79NB2F7 J26 IO79PB2F7 J25 IO80NB2F7 M20 IO80PB2F7 L20 IO81NB2F7 J27 IO81PB2F7 H27 IO82NB2F7 L23 IO82PB2F7 L22 IO83NB2F7 L25 IO83PB2F7 L24 IO84NB2F7 N21 IO84PB2F7 M21 IO85NB2F8 K27 IO85PB2F8 K26 IO86NB2F8 M23 IO86PB2F8 M22 IO87NB2F8 M25 IO87PB2F8 M24 IO88NB2F8 L27 IO88PB2F8 L26 IO89NB2F8 M27 IO89PB2F8 M26 IO90NB2F8 N23 IO90PB2F8 N22 BG729 AX1000 Function Pin Number IO91NB2F8 N25 IO91PB2F8 N24 IO92NB2F8 N27 IO92PB2F8 N26 IO93NB2F8 P26 IO93PB2F8 P27 IO94NB2F8 N19 IO94PB2F8 N20 IO95NB2F8 P23 IO95PB2F8 P22 Bank 3 IO96NB3F9 P25 IO96PB3F9 P24 IO97NB3F9 R26 IO97PB3F9 R27 IO98NB3F9 P21 IO98PB3F9 P20 IO99NB3F9 R24 IO99PB3F9 R25 IO100NB3F9 T26 IO100PB3F9 T27 IO101NB3F9 T24 IO101PB3F9 T25 IO102NB3F9 R20 IO102PB3F9 R21 IO103NB3F9 R23 IO103PB3F9 R22 IO104NB3F9 U26 IO104PB3F9 U27 IO105NB3F9 U24 IO105PB3F9 U25 IO106NB3F9 R19 IO106PB3F9 P19 IO107NB3F10 V26 IO107PB3F10 V27 IO108NB3F10 T23 IO108PB3F10 T22 BG729 AX1000 Function Pin Number |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |