Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX250 Datasheet(PDF) 75 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 75 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 71Page - Microsemi Corporation AX250 Datasheet HTML 72Page - Microsemi Corporation AX250 Datasheet HTML 73Page - Microsemi Corporation AX250 Datasheet HTML 74Page - Microsemi Corporation AX250 Datasheet HTML 75Page - Microsemi Corporation AX250 Datasheet HTML 76Page - Microsemi Corporation AX250 Datasheet HTML 77Page - Microsemi Corporation AX250 Datasheet HTML 78Page - Microsemi Corporation AX250 Datasheet HTML 79Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 61
Routing Specifications
Routing Resources
The routing structure found in Axcelerator devices enables any logic module to be connected to any
other logic module while retaining high performance. There are multiple paths and routing resources that
can be used to route one logic module to another, both within a SuperCluster and elsewhere on the chip.
There are four primary types of routing within the AX architecture: DirectConnect, CarryConnect,
FastConnect, and Vertical and Horizontal Routing.
DirectConnect
DirectConnects provide a high-speed connection between an R-cell and its adjacent C-cell (Figure 2-35).
This connection can be made from DCOUT of the C-cell to DCIN of the R-cell by configuring of the S1
line of the R-cell. This provides a connection that does not require an antifuse and has a delay of less
than 0.1 ns.
CarryConnect
CarryConnects are used to build carry chains for arithmetic functions (Figure 2-35). The FCO output of
the right C-cell of a two-C-cell Cluster drives the FCI input of the left C-cell in the two-C-cell Cluster
immediately below it. This pattern continues down both sides of each SuperCluster column.
Similar to the DirectConnects, CarryConnects can be built without an antifuse connection. This
connection has a delay of less than 0.1 ns from the FCO of one two-C-cell cluster to the FCI of the two-
C-cell cluster immediately below it (see the "Carry-Chain Logic" section on page 2-56 for more
information).
FastConnect
For high-speed routing of logic signals, FastConnects can be used to build a short distance connection
using a single antifuse (Figure 2-36 on page 2-62). FastConnects provide a maximum delay of 0.3 ns.
The outputs of each logic module connect directly to the Output Tracks within a SuperCluster. Signals on
the Output Tracks can then be routed through a single antifuse connection to drive the inputs of logic
modules either within one SuperCluster or in the SuperCluster immediately below it.
Figure 2-35 • DirectConnect and CarryConnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com