Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX250 Datasheet(PDF) 101 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 101 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 97Page - Microsemi Corporation AX250 Datasheet HTML 98Page - Microsemi Corporation AX250 Datasheet HTML 99Page - Microsemi Corporation AX250 Datasheet HTML 100Page - Microsemi Corporation AX250 Datasheet HTML 101Page - Microsemi Corporation AX250 Datasheet HTML 102Page - Microsemi Corporation AX250 Datasheet HTML 103Page - Microsemi Corporation AX250 Datasheet HTML 104Page - Microsemi Corporation AX250 Datasheet HTML 105Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 87
RAM
Each memory block consists of 4,608 bits that can be organized as 128x36, 256x18, 512x9, 1kx4, 2kx2,
or 4kx1 and are cascadable to create larger memory sizes. This allows built-in bus width conversion
(Table 2-86). Each block has independent read and write ports which enable simultaneous read and write
operations.
Clocks
The RCLK and the WCLK have independent source polarity selection and can be sourced by any global
or local signal.
RAM Configurations
The AX architecture allows the read side and write side of RAMs to be organized independently, allowing
for bus conversion. For example, the write side can be set to 256x18 and the read side to 512x9.
Both the write width and read width for the RAM blocks can be specified independently and changed
dynamically with the WW (write width) and RW (read width) pins. The D x W different configurations are:
128 x 36, 256 x 18, 512 x 9, 1k x 4, 2k x 2, and 4k x 1. The allowable RW and WW values are shown in
Table 2-87.
When widths of one, two, and four are selected, the ninth bit is unused. For example, when writing nine-
bit values and reading four-bit values, only the first four bits and the second four bits of each nine-bit
value are addressable for read operations. The ninth bit is not accessible. Conversely, when writing four-
bit values and reading nine-bit values, the ninth bit of a read operation will be undefined.
Table 2-86 • Memory Block WxD Options
Data-word (in bits)
Depth
Address Bus
Data Bus
1
4,096
RA/WA[11:0]
RD/WD[0]
2
2,048
RA/WA[10:0]
RD/WD[1:0]
4
1,024
RA/WA[9:0]
RD/WD[3:0]
9
512
RA/WA[8:0]
RD/WD[8:0]
18
256
RA/WA[7:0]
RD/WD[17:0]
36
128
RA/WA[6:0]
RD/WD[35:0]
Table 2-87 • Allowable RW and WW Values
RW(2:0)
WW(2:0)
D x W
000
000
4k x 1
001
001
2k x 2
010
010
1k x 4
011
011
512 x 9
100
100
256 x 18
101
101
128 x 36
11x
11x
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com