Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX500 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 3Page - Microsemi Corporation AX500 Datasheet HTML 4Page - Microsemi Corporation AX500 Datasheet HTML 5Page - Microsemi Corporation AX500 Datasheet HTML 6Page - Microsemi Corporation AX500 Datasheet HTML 7Page - Microsemi Corporation AX500 Datasheet HTML 8Page - Microsemi Corporation AX500 Datasheet HTML 9Page - Microsemi Corporation AX500 Datasheet HTML 10Page - Microsemi Corporation AX500 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 262 page
background image
Re vi s i on 18
1-1
1 – General Description
Axcelerator devices offer high performance at densities of up to two million equivalent system gates.
Based upon the Microsemi AX architecture, Axcelerator has several system-level features such as
embedded SRAM (with complete FIFO control logic), PLLs, segmentable clocks, chip-wide highway
routing, and carry logic.
Device Architecture
AX architecture, derived from the highly-successful SX-A sea-of-modules architecture, has been
designed for high performance and total logic module utilization (Figure 1-1). Unlike in traditional FPGAs,
the entire floor of the Axcelerator device is covered with a grid of logic modules, with virtually no chip
area lost to interconnect elements or routing.
Programmable Interconnect Element
The Axcelerator family uses a patented metal-to-metal antifuse programmable interconnect element that
resides between the upper two layers of metal (Figure 1-2 on page 1-2). This completely eliminates the
channels of routing and interconnect resources between logic modules (as implemented on traditional
FPGAs) and enables the efficient sea-of-modules architecture. The antifuses are normally open circuit
and, when programmed, form a permanent, passive, low-impedance connection, leading to the fastest
signal propagation in the industry. In addition, the extremely small size of these interconnect elements
gives the Axcelerator family abundant routing resources.
The very nature of Microsemi's nonvolatile antifuse technology provides excellent protection against
design pirating and cloning (FuseLock technology). Typical cloning attempts are impossible (even if the
security fuse is left unprogrammed) as no bitstream or programming file is ever downloaded or stored in
the device. Reverse engineering is virtually impossible due to the difficulty of trying to distinguish
between programmed and unprogrammed antifuses and also due to the programming methodology of
antifuse devices (see "Security" on page 2-108).
Figure 1-1 •
Sea-of-Modules Comparison
Switch
Matrix
Routing
Logic Block
Logic
Modules
Sea-of-Modules
Architecture
Traditional FPGA
Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com