Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2142 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2142
Description  0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2142 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2142 Datasheet HTML 9Page - Diodes Incorporated AP2142 Datasheet HTML 10Page - Diodes Incorporated AP2142 Datasheet HTML 11Page - Diodes Incorporated AP2142 Datasheet HTML 12Page - Diodes Incorporated AP2142 Datasheet HTML 13Page - Diodes Incorporated AP2142 Datasheet HTML 14Page - Diodes Incorporated AP2142 Datasheet HTML 15Page - Diodes Incorporated AP2142 Datasheet HTML 16Page - Diodes Incorporated AP2142 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP2142/ AP2152
Document number: DS31571 Rev. 6 - 2
14 of 17
www.diodes.com
January 2013
© Diodes Incorporated
AP2142/ AP2152
Ordering Information
Part Number
Package Code
Packaging
13” Tape and Reel
Quantity
Part Number Suffix
AP21X2SG-13
S
SO-8
2500/Tape & Reel
-13
AP21X2MPG-13
MP
MSOP-8EP
2500/Tape & Reel
-13
Marking Information
(1) SO-8
AP21X X
( Top view )
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
876
5
1
2
34
4 : Active Low
5 : Active High
2 : 2 Channel
represents 52 and 53 week
(2) MSOP-8EP
AP21X X
( Top view )
Y W X E
Part Number
Logo
Y : Year : 0~9
A~Z : Green
87
6
5
1
23
4
4 : Active Low
5 : Active High
2 : 2 Channel
a~z : 27~52 week; z represents
W : Week : A~Z : 1~26 week;
52 and 53 week
MSOP-8EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com