Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLP-08V Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VLP-08V
Description  6.2mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLP-08V Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VLP-08V Datasheet HTML 1Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 2Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 3Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 4Page - List of Unclassifed Manufacturers VLP-08V Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
11.4
17.6
Material
Glass-filled PA 66, UL94V-0, natural (ivory)
Model No.
Circuits
Q'ty /
bag
2, 4
3, 6
4(single-row),8
12
VLS-02V
VLS-03V
VLS-08V
VLS-12V
1,000
1,000
1,000
1,000
Material
PA 66, UL94V-0, natural (white)
Model No.
Circuits
Q'ty / bag
2
3
4
4(single-row)
6
8
12
VLP-02V-1
VLP-03V-1
VLP-04V-1
VLP-04VN-1
VLP-06V-1
VLP-08V-1
VLP-12V-1
500
500
500
500
500
200
100
6.2
15.0
6.2
25.8
6.2
19.6
6.2
25.8
38.2
6.2
6.2
19.6
6.2
15.0
23.8
36.2
(2 circuits)
(3 circuits)
(4 circuits)
(6 circuits)
(8 circuits)
(Single-row 4 circuits)
Housing (Outer-housing lock)
(12 circuits)
RoHS compliance
Retainer
(2, 4 circuits)
(3, 6 circuits)
(Single-row 4 circuits, 8 circuits) (12 circuits)
RoHS compliance
VL CONNECTOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com