Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP20049 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20049
Description  Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20049 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20049 Datasheet HTML 1Page - Monolithic Power Systems MP20049 Datasheet HTML 2Page - Monolithic Power Systems MP20049 Datasheet HTML 3Page - Monolithic Power Systems MP20049 Datasheet HTML 4Page - Monolithic Power Systems MP20049 Datasheet HTML 5Page - Monolithic Power Systems MP20049 Datasheet HTML 6Page - Monolithic Power Systems MP20049 Datasheet HTML 7Page - Monolithic Power Systems MP20049 Datasheet HTML 8Page - Monolithic Power Systems MP20049 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP20049 – ULTRA-LOW NOISE, HIGH PSRR 150mA LINEAR REGULATOR IN 0.8x0.8mm WLCSP
MP20049 Rev. 1.1
www.MonolithicPower.com
4
10/22/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin#
Name
Description
A1
VIN
Regulator Input Supply. Bypass VIN to GND with a 1µF or greater capacitor.
B2
GND
Ground Pin.
B1
EN
Enable Input. Drive EN high to turn on the Regulator; drive it low to turn off the
Regulator. For automatic startup, connect EN to VIN.
A2
VOUT
Regulated Output Voltage. Connect a 1µF or greater output capacitor between
VOUT and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com