Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP24943DN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP24943DN
Description  3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24943DN Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP24943DN Datasheet HTML 2Page - Monolithic Power Systems MP24943DN Datasheet HTML 3Page - Monolithic Power Systems MP24943DN Datasheet HTML 4Page - Monolithic Power Systems MP24943DN Datasheet HTML 5Page - Monolithic Power Systems MP24943DN Datasheet HTML 6Page - Monolithic Power Systems MP24943DN Datasheet HTML 7Page - Monolithic Power Systems MP24943DN Datasheet HTML 8Page - Monolithic Power Systems MP24943DN Datasheet HTML 9Page - Monolithic Power Systems MP24943DN Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP24943 –3A, 55V, 100kHz STEP-DOWN CONVERTER
MP24943 Rev. 0.83
www.MonolithicPower.com
6
12/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
C1=220μF, C2=2.2μF, C3=100μF, C4=22μF, L=33μH, TA=25°C,unless otherwise noted.
IOUT (A)
IOUT (A)
FREQUENCY (kHz)
-80
-60
-40
-20
0
20
40
60
80
0.1
1
10
100
1000
-200
-150
-100
-50
0
50
100
150
200
50
55
60
65
70
75
80
85
90
95
0
0.5
1
1.5
2
2.5
3
4.97
4.975
4.98
4.985
4.99
4.995
5
5.005
5.01
0
0.5
1
1.5
2
2.5
3
VIN=12V
VIN=24V
VIN=55V
VIN=55V
VIN=24V
VIN=12V
EN55022
VIN/AC
500mV/div.
VOUT/AC
50mV/div.
VSW
10V/div.
IL
2A/div.
VIN/AC
500mV/div.
VOUT/AC
50mV/div.
VSW
50V/div.
IL
2A/div.
VIN
10V/div.
VSW
10V/div.
VOUT
5V/div.
IL
2A/div.
VIN
10V/div.
VSW
10V/div.
VOUT
5V/div.
VOUT
5V/div.
IL
2A/div.
VEN
5V/div.
VSW
10V/div.
IOUT
5A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com