Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT15GT120BRG Datasheet(PDF) 18 Page - Microsemi Corporation

Part # APT15GT120BRG
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15GT120BRG Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button APT15GT120BRG Datasheet HTML 14Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 15Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 16Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 17Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 18Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 19Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 20Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 21Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
Packaging
D3
D1
SOT-227
D4
SP4
SP3
SP6-P
SP1
Industry Standard Packages
Improved Low Profile Packages
SP1 (12mm)
SP3 (12mm)
SP4 (17mm)
SP6 (17mm)
SP6-P (12mm)
SOT-227 (Isotop®)
SP2 (17mm)
34mm & 62mm Types
D1 (34 mm Wide)
D3 (62 mm Wide)
D4 (62 mm Wide)
ISOTOP ®
SP6 - APT MODULE
12 mm
SP module
Package Advantages
SP6-P package:
-Replaces up to 6 SOT-227 parts
-Height compatible with SOT-227
-Low inductance solder pins
-High current capability
30 mm
17 mm
SP6 package:
Offers the same footprint and the same
pinout location as the popular 62mm
package but with lower height, leading to:
- Reduced stray inductance
- Reduced parasitic resistance
- Higher efficiency at high frequency
SP1 package:
-Replaces 2 SOT-227 parts
-Improved assembly time and cost
-Height compatible with SOT-227
-Copper base plate
D4
D3
27
SD1
SD2
Twin Tower
9-pin TO-249
TO-249
VJ
Mini-Mod
Mini-Mod
Surface Mount
Half Pack
SP3F
SM3
SM2
SM1
SM5
SF1
SM4
SM2-1
SM3-1
SP2
SP6
17 mm
SP3F package:
-Replaces up to 4 SOT-227 parts
-Reduced assembly time and cost
-Height compatible with SOT-227
-Copper base plate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com