Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28256 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP28256
Description  21V, 3A 500kHz Synchronous Step-Down Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28256 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP28256 Datasheet HTML 1Page - Monolithic Power Systems MP28256 Datasheet HTML 2Page - Monolithic Power Systems MP28256 Datasheet HTML 3Page - Monolithic Power Systems MP28256 Datasheet HTML 4Page - Monolithic Power Systems MP28256 Datasheet HTML 5Page - Monolithic Power Systems MP28256 Datasheet HTML 6Page - Monolithic Power Systems MP28256 Datasheet HTML 7Page - Monolithic Power Systems MP28256 Datasheet HTML 8Page - Monolithic Power Systems MP28256 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP28256 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28256 Rev. 1.0
www.MonolithicPower.com
4
11/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance curves are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 1.2V, L = 2.8µH, TA = +25ºC, unless otherwise noted.
INPUT VOLTAGE (V)
E nable Supply Current vs .
Input V oltage
VFB=1V
Operating Range
Vcc Regulator Line Regulation
INPUT VOLTAGE (V)
VIN(V)
DUTY CYCLE (%)
Line Regulation
INPUT VOLTAGE (V)
Case Temperature Rise vs.
Output Current
INPUT VOLTAGE (V)
LOAD CURRENT (A)
Disabled Supply Current vs .
Input Voltage
VEN=0V
Current Limit vs.
Duty Cycle
Load Regulation
500
550
600
650
700
750
800
850
900
950
1000
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
0
5
10
15
20
25
0 10 20304050 607080
0.1
1
10
100
0
5
10
15
20
25
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.5
0
1 1.5
2 2.5
3 3.5
LOAD CURRENT (A)
V
IN=6V
V
IN=12V
V
IN=21V
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0
5
10
15
20
25
I
OUT=3A
I
OUT=1.5A
I
OUT=0A
0
2
4
6
8
10
12
0 0.5
1 1.5
2 2.5
3 3.5
0
1
2
3
4
5
6
7
8
DMaxLimit
Minimum on Time Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com