Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28256EL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28256EL
Description  21V, 3A 500kHz Synchronous Step-Down Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28256EL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28256EL Datasheet HTML 1Page - Monolithic Power Systems MP28256EL Datasheet HTML 2Page - Monolithic Power Systems MP28256EL Datasheet HTML 3Page - Monolithic Power Systems MP28256EL Datasheet HTML 4Page - Monolithic Power Systems MP28256EL Datasheet HTML 5Page - Monolithic Power Systems MP28256EL Datasheet HTML 6Page - Monolithic Power Systems MP28256EL Datasheet HTML 7Page - Monolithic Power Systems MP28256EL Datasheet HTML 8Page - Monolithic Power Systems MP28256EL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP28256 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28256 Rev. 1.0
www.MonolithicPower.com
5
11/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance curves are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 1.2V, L = 2.8µH, TA = +25ºC, unless otherwise noted.
Efficiency
VOUT=1.2V
LOAD CURRENT (A)
Efficiency
VOUT=1.8V
LOAD CURRENT (A)
Efficiency
VOUT=2.5V
LOAD CURRENT (A)
Efficiency
VOUT=3.3V
LOAD CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
0 0.5
1 1.5
2 2.5
3 3.5
V
IN=21V
V
IN=12V
V
IN=4.5V
0
10
20
30
40
50
60
70
80
90
100
0 0.5
1 1.5
2 2.5
3 3.5
V
IN=21V
V
IN=12V
V
IN=4.5V
0
10
20
30
40
50
60
70
80
90
100
0 0.5
1 1.5
2 2.5
3 3.5
V
IN=21V
V
IN=12V
V
IN=4.5V
0
10
20
30
40
50
60
70
80
90
100
0 0.5
1 1.5
2 2.5
3 3.5
V
IN=21V
V
IN=12V
V
IN=4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com