| Electronic Components Datasheet Search |
|
AD744JN Datasheet(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD744JN Datasheet(HTML) 12 Page - Analog Devices |
|
12 / 12 page ![]() REV.C –12– AD744 In either case, the capacitance CX causes the system to go from a one-pole to a two-pole response; this additional pole increases settling time by introducing peaking or ringing in the op amp’s output. If the value of CX can be estimated with reasonable accu- racy, Equation 2 can be used to choose the correct value for a small capacitor, CL, which will optimize amplifier response. If the value of CX is not known, CL should be a variable capacitor. As an aid to the designer, the optimum value of CL for one spe- cific amplifier connection can be determined from the graph of Figure 41. This graph has been produced for the case where the AD744 is connected as in Figures 39 and 40 with a practical minimum value for CSTRAY of 2 pF and a total CX value of 7.5 pF. The approximate value of CL can be determined for almost any application by solving Equation 2. For example, the AD565/ AD744 circuit of Figure 34 constrains all the variables of Equa- tion 2 (GN = 3.25, R = 10 k Ω, FO = 13 MHz, and CX = 32.5 pF) Therefore, under these conditions, CL= 10.5 pF. VALUE OF RESISTOR – 100 35 0 1k 10k 100k 30 25 20 15 10 5 IN THIS REGION CLEAD = 0pF GN = 1 TO GN = 1.5 GN = 2 GN = 3 GN = 1 Figure 41. Practical Values of CL vs. Resistance of R for Various Amplifier Noise Gains OUTLINE DIMENSIONS Dimensions shown in inches and (mm). TO-99 (H) Package 5 4 0.034 (0.86) 0.028 (0.71) 0.045 (1.1) 0.020 (0.51) BOTTOM VIEW 6 2 8 7 3 1 0.2 (5.1) TYP 45° EQUALLY SPACED 0.185 (4.70) 0.165 (4.19) REFERENCE PLANE 0.5 (12.70) MIN 0.019 (0.48) 0.016 (0.41) DIA 8 LEADS 0.04 (1.0) MAX SEATING PLANE 0.335 (8.50) 0.305 (7.75) 0.370 (9.40) 0.335 (8.50) INSULATION 0.05 (1.27) MAX Mini-DIP (N) Package 0.39 (9.91) MAX 8 14 5 PIN 1 0.10 (2.54) TYP 0.25 (6.35) 0.31 (7.87) SEATING PLANE 0.125 (3.18) MIN 0.165 0.01 (4.19 0.25) 0.035 0.01 (0.89 0.25) 0.18 0.03 (4.57 0.76) 0.018 0.003 (0.46 0.08) 0.033 (0.84) NOM 0.30 (7.62) REF 0-15 0.011 0.003 (0.28 0.08) Cerdip (Q) Package 1 4 85 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.055 (1.35) MAX 0.1 (2.54) BSC 15° 0° 0.32 (8.13) 0.29 (7.37) 0.015 (0.38) 0.008 (0.20) SEATING PLANE 0.20 (5.08) MAX 0.405 (10.29) MAX 0.15 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.07 (1.78) 0.03 (0.76) 0.06 (1.52) 0.015 (0.38) Small Outline (SO-8) Package 0.011 0.002 (0.269 0.03) 0.033 0.017 (0.83 0.43) SEATING PLANE 0.008 0.004 (0.203 0.075) 0.098 0.006 (2.49 0.23) 0.017 0.003 (0.42 0.07) 85 4 1 PIN 1 0.050 (1.27) BSC 0.193 0.008 (4.90 0.10) 0.154 0.004 (3.91 0.10) 0.236 0.012 (6.00 0.20) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |