Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28258 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28258
Description  High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28258 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28258 Datasheet HTML 1Page - Monolithic Power Systems MP28258 Datasheet HTML 2Page - Monolithic Power Systems MP28258 Datasheet HTML 3Page - Monolithic Power Systems MP28258 Datasheet HTML 4Page - Monolithic Power Systems MP28258 Datasheet HTML 5Page - Monolithic Power Systems MP28258 Datasheet HTML 6Page - Monolithic Power Systems MP28258 Datasheet HTML 7Page - Monolithic Power Systems MP28258 Datasheet HTML 8Page - Monolithic Power Systems MP28258 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP28258 – 3A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28258 Rev 1.14
www.MonolithicPower.com
5
9/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1.2V, L = 2µH, TA = 25°C, unless otherwise noted.
Efficiency
VOUT=5V, fs
Efficiency
VOUT=1.2V, fs
Line Regulation
Thermal Test
VOUT=1.2V
Load Regulation
Frequency vs. Temperature
55
60
65
70
75
80
85
90
95
0.01
0.1
1
10
IOUT (A)
IOUT (A)
IOUT (A)
IOUT (A)
IOUT (A)
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
VIN (V)
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
Thermal Test
VIN=12V, VOUT=5V, TA
0
5
10
15
20
25
30
35
40
45
50
55
012345
400
405
410
415
420
425
430
435
440
445
450
-40 -20
0 20 40 60 80 100 120140
TEM
VIN=12V
VIN=5V
VIN=16V
VIN=8V
VIN=12V
VIN=12V
VIN=21V
VIN=12V
No air flow
No air flow
Frequency vs. Input Voltage
IOUT=1A
500
600
700
800
900
0
5
10
15
20
VIN (V)
VOUT=1.8V
VOUT=3.3V
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
5
7
9 111315 171921
I OUT=3A
VOUT VS. IOUT
VOUT=1.2V, Freq=500kHz
IOUT(A)
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
0.01
0.1
1
10
VIN=16V
VIN=12V
VIN=5V
VIN=8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com