Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28258DD-A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP28258DD-A
Description  High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28258DD-A Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP28258DD-A Datasheet HTML 1Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 2Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 3Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 4Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 5Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 6Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 7Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 8Page - Monolithic Power Systems MP28258DD-A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP28258 – 3A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28258 Rev 1.14
www.MonolithicPower.com
4
9/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN12
(2x3mm)
Pin #
Name
Description
1, 11, 12
GND
System Ground. These pins are the reference ground for the regulated output voltage,
and require special consideration during PCB layout.
2, 10,
exposed pad
SW
Switch output. Connect using wide PCB traces.
3
BST
Bootstrap. Requires a capacitor connected between SW and BST pins to form a
floating supply across the high-side switch driver.
4
VCC
Internal Bias Supply. Decouple with a 4.7µF ceramic capacitor as close to the pin as
possible.
5
EN
EN = 1 to enable the MP28258. For automatic start-up, connect EN pin to VIN with a
pull-up resistor.
6
PG
Power-Good Output. The output of this pin is an open drain that goes high if the output
voltage is higher than 90% of the nominal voltage. There is a 0.5ms delay between
when FB ≥ 90% to when the PG pin goes high.
7
FB
Feedback. Sets the output voltage when connected to the tap of an external resistor
divider that is connected between output and GND.
8
FREQ
Frequency. Set during CCM operation. Connect a resistor R7 to IN to set the switching
frequency. Decouple with a 1nF capacitor.
9
IN
Supply Voltage. The MP28258 operates from a +4.2V to +20V input rail. C1 is needed
to decouple the input rail. Use wide PCB traces and multiple vias to make the
connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com