Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28259 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP28259
Description  High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28259 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP28259 Datasheet HTML 1Page - Monolithic Power Systems MP28259 Datasheet HTML 2Page - Monolithic Power Systems MP28259 Datasheet HTML 3Page - Monolithic Power Systems MP28259 Datasheet HTML 4Page - Monolithic Power Systems MP28259 Datasheet HTML 5Page - Monolithic Power Systems MP28259 Datasheet HTML 6Page - Monolithic Power Systems MP28259 Datasheet HTML 7Page - Monolithic Power Systems MP28259 Datasheet HTML 8Page - Monolithic Power Systems MP28259 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP28259 – 2A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP28259 Rev. 1.34
www.MonolithicPower.com
4
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN12
(2x3mm)
Pin #
Name
Description
9
IN
Supply Voltage. The MP28259 operates from a +4.2V to +20V input rail. C1 is
needed to decouple the input rail. Use wide PCB traces and multiple vias to make the
connection.
1, 11, 12
GND
System Ground. These pins are the reference ground for the regulated output
voltage, and require special consideration during PCB layout.
2, 10,
Exposed Pad
SW
Switch Output. Connect with wide PCB traces.
3
BST
Bootstrap. Requires a capacitor connected between SW and BST pins is required to
form a floating supply across the high-side switch driver.
4
VCC
Bias Supply. Decouple with a 4.7µF ceramic capacitor as close to this pin as
possible.
5
EN
EN = 1 to enable the MP28259. For automatic start-up, connect EN pin to VIN with a
pull-up resistor.
7
FB
Feedback. Sets the output voltage when connected to the tap of an external resistor
divider, connected between output and GND.
8
FREQ
Frequency. Set during CCM operation. Connect a resistor R7 to IN to set the
switching frequency. Decouple with a 1nF capacitor.
6
PG
Power-Good Output, The output of this pin is an open drain that goes high if the
output voltage is higher than 90% of the nominal voltage. There is a delay of (0.5ms
+ 0.5xSS time) delay from FB ≥ 90% to PG goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com