Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28313 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP28313
Description  2A, 16V, 340KHz Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28313 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP28313 Datasheet HTML 1Page - Monolithic Power Systems MP28313 Datasheet HTML 2Page - Monolithic Power Systems MP28313 Datasheet HTML 3Page - Monolithic Power Systems MP28313 Datasheet HTML 4Page - Monolithic Power Systems MP28313 Datasheet HTML 5Page - Monolithic Power Systems MP28313 Datasheet HTML 6Page - Monolithic Power Systems MP28313 Datasheet HTML 7Page - Monolithic Power Systems MP28313 Datasheet HTML 8Page - Monolithic Power Systems MP28313 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP28313 – 2A, 16V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP28313 Rev. 1.5
www.MonolithicPower.com
2
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP28313CS*
MP28313CS
0
°C to +85°C
MP28313DS
SOIC8
MP28313DS
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP28313CS–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP28313CS–LF–Z)
PACKAGE REFERENCE
BS
IN
SW
GND
SS
EN
COMP
FB
1
2
3
4
8
7
6
5
TOP VIEW
MP28313_PD01
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN .......................–0.3V to +22V
Switch Voltage VSW .................. –1V to VIN +0.3V
Boost Voltage VBS ..........VSW – 0.3V to VSW + 6V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
…………………………………………………1.4W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature ............. –65°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VIN .................................5V to 16V
Output Voltage VOUT.....................0.923V to 13V
MP28313CS Operating Junct. Temp (TJ).............
……………………………………….0°C to +85°C
MP28313DS Operating Junct. Temp (TJ).............
……………………………………...-40°C to +85°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 .....................................90 ...... 45 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB..



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com