Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSTCE16M0V53C-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE16M0V53C-R0
Description  How to check EU Rohs Comliant of OYR Products is here
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE16M0V53C-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CSTCE16M0V53C-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Search
Home> Search Engine> Catalog: CSTCE16M0V53C
-R0
Resonators > CERALOCK (MHz) > Part Number
How to check EU RoHS Comliant of Our Products is here.
Please approve our product specifications or to transact the approval sheet for product specifications
before ordering. Please read rating and !Cautions first.
Product specifications in this catalog are as of January 2008.
Product Lifecycle Stage in Production
Recommended Rank
Preferred
Specification
Minimum Quantity
Global Part Number
CSTCE16M0V53C-R0
Previous Part Number
Nominal Frequency
16.000MHz
Initial Tolerance
±0.5%
Temp. Stability
±0.15%
Temperature Range
-40 to +125°C
Wash
Available
Ultrasonic Wash
Available
Built-in Load Capacitance
15pF
Use
For automotive electronics
180mm Paper Tape
180mm Embossed Tape 3000
330mm Paper Tape
330mm Embossed Tape
Bulk Case
Bulk(Bag)
Ammo Pack
320Reel
Magazine
Box
Details
?
Part Numbering
?
Appearance
?
Dimensions
?
Features,_Applications
?
Temperature_Characteristics
?
Basic_Oscillation_Circuit
?
Standard_Land_Pattern_Dimensions
?
Notice_(storage_and_operating_condition)
?
Notice_(rating)
?
Notice(Soldering_and_Mounting)
?
Notice_(handling)
?
Packaging
?
Minimum_Quantity[Supplementation]
All products and company names herein are trademarks or registered trademarks of their respective owners.
| Site Map | History | Terms of use | Privacy Policy |


Similar Part No. - CSTCE16M0V53C-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCE16M0V53C-R0 MURATA1-CSTCE16M0V53C-R0 Datasheet
310Kb / 2P
Crystal Units/MEMS Resonators
02/26/2024
CSTCE16M0V53C-R0 MURATA1-CSTCE16M0V53C-R0_V01 Datasheet
310Kb / 2P
Crystal Units/MEMS Resonators
02/26/2024
More results

Similar Description - CSTCE16M0V53C-R0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
35203R3JT MACOM-35203R3JT Datasheet
94Kb / 1P
Converted to EU RoHS/ELV Compliant
logo
Murata Manufacturing Co...
CSBFB500KJ58R1 MURATA-CSBFB500KJ58R1 Datasheet
59Kb / 1P
How th check US RoHS Comliant of Our Products is here
CSTLS4M00G56-A0 MURATA-CSTLS4M00G56-A0 Datasheet
63Kb / 1P
How to check EU RoHS Comliant of Our Products
logo
List of Unclassifed Man...
A208SYCB04 ETC2-A208SYCB04 Datasheet
26Kb / 1P
Always EU RoHS/ELV Compliant (Statement of Compliance)
logo
STMicroelectronics
AN442 STMICROELECTRONICS-AN442 Datasheet
63Kb / 5P
The aim of this note is to show how to connect
05-Apr-2004
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
Here is a picture of the contents that come with
Rev 25 Jun 2013 19:50
logo
Amphenol Corporation
P-MDB-E09SE-76X AMPHENOL-P-MDB-E09SE-76X Datasheet
75Kb / 2P
CONNECTOR IS ROHS COMPLIANT PER EU DIRECTIVE 2002
P-MRJ-2586-X2BP AMPHENOL-P-MRJ-2586-X2BP Datasheet
786Kb / 1P
PART IS RoHS COMPLIANT PER EU DIRECTIVE 2002
logo
Renesas Technology Corp
PS8502L3 RENESAS-PS8502L3_17 Datasheet
35Kb / 1P
EU RoHS
logo
JILIN SINO-MICROELECTRO...
T0835NMP JSMC-T0835NMP Datasheet
248Kb / 6P
RoHS products
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com