Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1340 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMP1340
Description  Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1340 Datasheet(HTML) 1 Page - Alpha Industries

  SMP1340 Datasheet HTML 1Page - Alpha Industries SMP1340 Datasheet HTML 2Page - Alpha Industries SMP1340 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 6/99A
Fast Switching Speed, Low Capacitance
Plastic Packaged PIN Diodes
Features
s Designed for Fast Speed Wireless Switch
Applications
s 1.0
Ω Resistance, 0.3 pF Capacitance
s Multiple Package Configurations
s Designed for High Volume Wireless
Applications
s Available in Tape and Reel Packaging
Description
The SMP1340 series of plastic packaged, surface
mountable PIN diodes are designed for high volume switch
applications from 10 MHz to beyond 2 GHz. The short
carrier lifetime of typically 100 nS, combined with its thin
I region width of nominally 8
µm, results in a fast speed
RF switching PIN diode. The RF performance of the
SMP1340 series is assured by virtue of its low
capacitance (0.3 pF) and low resistance (1.0
Ω at 10 mA).
SMP1340 Series
Preliminary
Characteristic
Value
Reverse Voltage (VR)
50 V
Power Dissipation @ 25°C Lead
250 mW
Temperature (PD)
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
ESD Human Body Model
Class 1B
Absolute Maximum Ratings
Parameter
Condition
Typ.
Max.
Unit
Reverse Current (IR)VR = 50 V
10
µA
Capacitance (CT)
F = 1 MHz, V = 5 V
0.21
0.30
pF
Resistance (RS)
F = 100 MHz, I = 1 mA
1.7
Ω
Resistance (RS)
F = 100 MHz, I = 5 mA
1.0
2.0
Ω
Resistance (RS)
F = 100 MHz, I = 10 mA
0.85
1.2
Ω
Forward Voltage (VF)
IF = 10 mA
0.85
V
Carrier Lifetime (TI)
IF = 10 mA
100
nS
I Region Width
0.80
µm
Electrical Specifications at 25°C
o Available through distribution.
Single
Common
Common
Series
Single
Single
Anode
Cathode
Pair
Marking: PS1
Marking: PS9
Marking: PS3
Marking: PS2
SOT-23
SOT-23
SOT-23
SOT-23
SOD-323
SC-79
o
o SMP1340-001
o
o SMP1340-003
o
o SMP1340-004
o
o SMP1340-005
o
o SMP1340-011
o
o SMP1340-079
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.7 nH


Similar Part No. - SMP1340

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1340-003 SKYWORKS-SMP1340-003 Datasheet
744Kb / 8P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1340-003LF SKYWORKS-SMP1340-003LF Datasheet
744Kb / 8P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1340-004 SKYWORKS-SMP1340-004 Datasheet
744Kb / 8P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1340-004LF SKYWORKS-SMP1340-004LF Datasheet
744Kb / 8P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
More results

Similar Description - SMP1340

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
Low Capacitance Plastic Packaged PIN Diodes
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
Low Capacitance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
Low Capacitance, Plastic Packaged PIN Diodes
SMP1340 SKYWORKS-SMP1340_15 Datasheet
744Kb / 8P
Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com