Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7225LRZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7225LRZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LRZ Datasheet(HTML) 4 Page - Analog Devices

  AD7225LRZ Datasheet HTML 1Page - Analog Devices AD7225LRZ Datasheet HTML 2Page - Analog Devices AD7225LRZ Datasheet HTML 3Page - Analog Devices AD7225LRZ Datasheet HTML 4Page - Analog Devices AD7225LRZ Datasheet HTML 5Page - Analog Devices AD7225LRZ Datasheet HTML 6Page - Analog Devices AD7225LRZ Datasheet HTML 7Page - Analog Devices AD7225LRZ Datasheet HTML 8Page - Analog Devices AD7225LRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7225
Rev. C | Page 4 of 24
SINGLE SUPPLY
VDD = 15 V ± 5%; VSS = AGND = DGND = 0 V; VREFx = 10 V, unless otherwise noted. All specifications TMIN to TMAX,
unless otherwise noted.
Table 2.
Parameter
K, B Versions1
L, C Versions1
Unit
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
Bits
Total Unadjusted Error2
±2
±1
LSB max
Differential Nonlinearity2
±1
±1
LSB max
Guaranteed monotonic
REFERENCE INPUT
Voltage Range
2 to (VDD − 4)
2 to (VDD − 4)
V min to V max
Input Resistance
11
11
kΩ min
Input Capacitance3
50
50
pF max
Occurs when each DAC is loaded with all 1s
Channel-to-Channel Isolation2, 3
60
60
dB min
VREF = 10 V p-p sine wave at 10 kHz
AC Feedthrough2, 3
−70
−70
dB max
VREF = 10 V p-p sine wave at 10 kHz
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current
±1
±1
μA max
VIN = 0 V or VDD
Input Capacitance3
8
8
pF max
Input Coding
Binary
Binary
DYNAMIC PERFORMANCE
Voltage Output Slew Rate3
2
2
V/μs min
Voltage Output Settling Time3
4
4
μs max
Digital Feedthrough2, 3
10
10
nV sec typ
Code transition all 0s to all 1s
Digital Crosstalk2, 3
10
10
nV sec typ
Code transition all 0s to all 1s
Minimum Load Resistance
2
2
kΩ min
VOUT = 10 V
POWER SUPPLIES
VDD Range
14.25/15.75
14.25/15.75
V min to V max
For specified performance
IDD
10
10
mA max
Outputs unloaded; VIN = VINL or VINH
SWITCHING CHARACTERISTICS3
t1
50
50
ns min
Write pulse width
t2
0
0
ns min
Address to write setup time
t3
0
0
ns min
Address to write hold time
t4
50
50
ns min
Data valid to write setup time
t5
0
0
ns min
Data valid to write hold time
t6
50
50
ns min
Load DAC pulse width
1
Temperature range is as follows for all versions: −40°C to +85°C.
2
Sample tested at 25°C to ensure compliance.
3
Switching characteristics apply for single-supply and dual-supply operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com