Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO3COMP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DPO3COMP
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3COMP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DPO3COMP Datasheet HTML 2Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 3Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 4Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 5Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 6Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MagniVu™ high-speed acquisition
The main digital acquisition mode on the MSO3000 Series will capture up
to 5 Mpoints at 500 MS/s (2 ns resolution). In addition to the main record,
the MSO3000 provides an ultra high-resolution record called MagniVu
which acquires 10,000 points at up to 8.25 GS/s (121.2 ps resolution). Both
main and MagniVu waveforms are acquired on every trigger and can be
switched between in the display at any time, running or stopped. MagniVu
provides significantly finer timing resolution than comparable MSOs on the
market, instilling confidence when making critical timing measurements on
digital waveforms.
The MagniVu high-resolution record provides 121.2 ps timing resolution, enabling you to
take critical timing measurements on your digital waveforms.
P6316 MSO probe
This unique probe design offers two eight-channel pods, simplifying the
process of connecting to the device-under-test. When connecting to square
pins, the P6316 can connect directly to 8×2 square pin headers spaced on
tenth-inch centers. When more attachment flexibility is required, you can
use the included flying lead sets and grabbers to clip onto surface mount
devices or test points. The P6316 offers outstanding electrical
characteristics applying only 8 pF of capacitive loading with 101 kΩ input
impedance.
The P6316 MSO probe offers two eight-channel pods to simplify connecting to your
device.
Serial triggering and analysis (optional)
On a serial bus, a single signal often includes address, control, data, and
clock information. This can make isolating events of interest difficult.
Automatic trigger, decode, and search on bus events and conditions gives
you a robust set of tools for debugging serial buses.
Triggering on a specific data packet going across an I2C bus. The yellow waveform is
clock and the blue waveform is the data. A bus waveform provides decoded packet
content including Start, Address, Read/Write, Data, and Stop.
Serial triggering
Trigger on packet content such as start of packet, specific addresses,
specific data content, unique identifiers, etc. on popular serial interfaces
such as I2C, SPI, MIL-STD-1553, CAN, LIN, FlexRay, RS-232/422/485/
UART, and I2S/LJ/RJ/TDM.
Bus display
Provides a higher-level, combined view of the individual signals (clock,
data, chip enable, etc.) that make up your bus, making it easy to identify
where packets begin and end and identifying sub-packet components such
as address, data, identifier, CRC, etc.
Bus decoding
Tired of having to visually inspect the waveform to count clocks, determine
if each bit is a 1 or a 0, combine bits into bytes, and determine the hex
value? Let the oscilloscope do it for you! Once you’ve set up a bus, the
MSO/DPO3000 Series will decode each packet on the bus, and display the
value in hex, binary, decimal (LIN, FlexRay, and MIL-STD-1553 only),
signed decimal (I2S/LJ/RJ/TDM only), or ASCII (MIL-STD-1553 and
RS-232/422/485/UART only) in the bus waveform.
Datasheet
6 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com